Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CEAB-R7 Datasheet(PDF) 15 Page - Nordic Semiconductor

Part # NRF51822-CEAB-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CEAB-R7 Datasheet(HTML) 15 Page - Nordic Semiconductor

Back Button NRF51822-CEAB-R7 Datasheet HTML 11Page - Nordic Semiconductor NRF51822-CEAB-R7 Datasheet HTML 12Page - Nordic Semiconductor NRF51822-CEAB-R7 Datasheet HTML 13Page - Nordic Semiconductor NRF51822-CEAB-R7 Datasheet HTML 14Page - Nordic Semiconductor NRF51822-CEAB-R7 Datasheet HTML 15Page - Nordic Semiconductor NRF51822-CEAB-R7 Datasheet HTML 16Page - Nordic Semiconductor NRF51822-CEAB-R7 Datasheet HTML 17Page - Nordic Semiconductor NRF51822-CEAB-R7 Datasheet HTML 18Page - Nordic Semiconductor NRF51822-CEAB-R7 Datasheet HTML 19Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 130 page
background image
Page 15
nRF51822 Product Specification v3.3
2.2.2.1
Ball functions CDAB
Ball
Name
Function
Description
A1
AVDD
Power
Analog power supply (Radio).
A2
XC1
Analog input
Crystal connection for 16/32 MHz crystal oscillator or
external 16/32 MHz crystal reference.
A3
XC2
Analog output
Crystal connection for 16/32 MHz crystal.
A4
DEC1
Power
Power supply decoupling.
A5
P0.21
Digital I/O
General purpose I/O.
A6
P0.24
Digital I/O
General purpose I/O.
A7
P0.26
AIN0
XL2
Digital I/O
Analog input
Analog output
General purpose I/O.
ADC input 0.
Crystal connection for 32.768 kHz crystal oscillator.
A8
P0.27
AIN1
XL1
Digital I/O
Analog input
Analog input
General purpose I/O.
ADC input 1.
Crystal connection for 32.768 kHz crystal oscillator or
external 32.768 kHz crystal reference.
B1
VSS
Power
Ground (0 V).
B4
VSS
Power
Ground (0 V).
B5
P0.22
Digital I/O
General purpose I/O.
B6
P0.23
Digital I/O
General purpose I/O.
B7
P0.28
Digital I/O
General purpose I/O.
B8
VDD
Power
Power supply.
B9
DCC
Power
DC/DC output voltage to external LC filter.
C1
ANT2
RF
Differential antenna connection (TX and RX).
C5
P0.25
Digital I/O
General purpose I/O.
C6
N.C.
No Connection
Must be soldered to PCB.
C7
P0.29
Digital I/O
General purpose I/O.
C8
P0.30
Digital I/O
General purpose I/O.
C9
P0.00
AREF0
Digital I/O
Analog input
General purpose I/O.
ADC Reference voltage.
D1
ANT1
RF
Differential antenna connection (TX and RX).
D7
VSS
Power
Ground (0 V).
D8
P0.31
Digital I/O
General purpose I/O.
D9
P0.02
AIN3
Digital I/O
Analog input
General purpose I/O.
ADC input 3.
E1
VDD_PA
Power output
Power supply output (+1.6 V) for on-chip RF power amp.
E2
N.C.
No Connection
Must be soldered to PCB.
E3
N.C.
No Connection
Must be soldered to PCB.
E7
P0.01
AIN2
Digital I/O
Analog input
General purpose I/O.
ADC input 2.
E8
P0.04
AIN5
Digital I/O
Analog input
General purpose I/O.
ADC input 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com