Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS70302PWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS70302PWPR
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS70302PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS70302PWPR Datasheet HTML 9Page - Texas Instruments TPS70302PWPR Datasheet HTML 10Page - Texas Instruments TPS70302PWPR Datasheet HTML 11Page - Texas Instruments TPS70302PWPR Datasheet HTML 12Page - Texas Instruments TPS70302PWPR Datasheet HTML 13Page - Texas Instruments TPS70302PWPR Datasheet HTML 14Page - Texas Instruments TPS70302PWPR Datasheet HTML 15Page - Texas Instruments TPS70302PWPR Datasheet HTML 16Page - Texas Instruments TPS70302PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
3.27
3.28
3.29
3.30
3.31
0
200
400
600
800
1000
IO OutputCurrent - mA
VIN1 =4.3V
TJ =25°C
VOUT1
3.32
3.33
-
1.785
1.79
1.795
1.8
1.805
0
500
1000
1500
2000
VIN2 =2.8V
TJ =25°C
VOUT2
1.81
1.815
IO OutputCurrent - mA
-
TPS70345, TPS70348
TPS70351, TPS70358
TPS70302
www.ti.com
SLVS285H – AUGUST 2000 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Output current
Figure 1, Figure 2
VO
Output voltage
vs Junction temperature
Figure 3, Figure 4
Ground current
vs Junction temperature
Figure 5
PSRR
Power-supply rejection ratio
vs Frequency
Figure 6 to Figure 9
Output spectral noise density
vs Frequency
Figure 10 to Figure 13
ZO
Output impedance
vs Frequency
Figure 14 to Figure 17
vs Temperature
Figure 18, Figure 19
Dropout voltage
vs Input voltage
Figure 20, Figure 21
Load transient response
Figure 22, Figure 23
Line transient response (VOUT1)
Figure 24
Line transient response (VOUT2)
Figure 25
VO
Output voltage
vs Time (start-up)
Figure 26, Figure 27
Equivalent series resistance (ESR)
vs Output current
Figure 29 to Figure 32
TPS70351
TPS70351
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
Copyright © 2000–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com