Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS3USB30EDGSRG4.B Datasheet(PDF) 2 Page - Texas Instruments

Part # TS3USB30EDGSRG4.B
Description  TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB30EDGSRG4.B Datasheet(HTML) 2 Page - Texas Instruments

  TS3USB30EDGSRG4.B Datasheet HTML 1Page - Texas Instruments TS3USB30EDGSRG4.B Datasheet HTML 2Page - Texas Instruments TS3USB30EDGSRG4.B Datasheet HTML 3Page - Texas Instruments TS3USB30EDGSRG4.B Datasheet HTML 4Page - Texas Instruments TS3USB30EDGSRG4.B Datasheet HTML 5Page - Texas Instruments TS3USB30EDGSRG4.B Datasheet HTML 6Page - Texas Instruments TS3USB30EDGSRG4.B Datasheet HTML 7Page - Texas Instruments TS3USB30EDGSRG4.B Datasheet HTML 8Page - Texas Instruments TS3USB30EDGSRG4.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................4
5.5 Electrical Characteristics.............................................5
5.6 Dynamic Electrical Characteristics..............................5
5.7 Switching Characteristics............................................5
5.8 Typical Characteristics................................................ 7
6 Parameter Measurement Information............................ 8
7 Detailed Description......................................................12
7.1 Overview................................................................... 12
7.2 Functional Block Diagram......................................... 12
7.3 Feature Description...................................................12
7.4 Device Functional Modes..........................................12
8 Application and Implementation.................................. 13
8.1 Application Information............................................. 13
8.2 Typical Application.................................................... 13
8.3 Power Supply Recommendations.............................14
8.4 Layout....................................................................... 14
9 Device and Documentation Support............................16
9.1 Documentation Support............................................ 16
9.2 Receiving Notification of Documentation Updates....16
9.3 Support Resources................................................... 16
9.4 Trademarks...............................................................16
9.5 Electrostatic Discharge Caution................................16
9.6 Glossary....................................................................16
10 Revision History.......................................................... 16
11 Mechanical, Packaging, and Orderable
Information.................................................................... 17
TS3USB30E
SCDS255G – DECEMBER 2008 – REVISED OCTOBER 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TS3USB30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com