Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRO225LM Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # PRO225LM
Description  Mechanical Bearing, Direct-Drive Linear Stage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

PRO225LM Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  PRO225LM Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. PRO225LM Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. PRO225LM Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. PRO225LM Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. PRO225LM Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. PRO225LM Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. PRO225LM Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED. PRO225LM Datasheet HTML 8Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
aerotech.com
PRO225LM SPECIFICATIONS
Notes:
1. Certified with -PL1/-PL2 option.
2. Requires the selection of an appropriate amplifier with sufficient voltage and current.
3. Axis-orientation for on-axis loading is listed.
4. Specifications are for single-axis systems measured 25 mm above the tabletop. Performance of multi-axis systems is payload and workpoint dependent.
Contact factory for multi-axis applications.
Mechanical Specifications
PRO225LM
Travel
100
200
300
400
Accuracy(1)
Standard
±4 µm
±8 µm
±10 µm
±12 µm
Calibrated
±1 µm
±1 µm
±1 µm
±1 µm
Resolution (Min.
Incremental Motion)
5 nm (-E1 Encoder)
Bidirectional Repeatability(1)
±0.3 µm
±0.4 µm
±0.4 µm
±0.4 µm
Horizontal Straightness(1)
±1.5 µm
±2.5 µm
±3.5 µm
±4.5 µm
Vertical Straightness(1)
±1.5 µm
±2.5 µm
±3.5 µm
±4.5 µm
Pitch
25 µrad
39 µrad
50 µrad
60 µrad
Roll
27 µrad
39 µrad
50 µrad
60 µrad
Yaw
27 µrad
39 µrad
50 µrad
60 µrad
Maximum Speed(2)
2 m/s
Maximum Acceleration(2)
3 g
Maximum Force,
Continuous
153 N – Standard
251.6 N – With Air Cooling (20 psig)
Load
Capacity(3)
Horizontal
100 kg
Side
100 kg
Moving Mass
8.4 kg
Stage Mass
23.8 kg
26.9 kg
30.1 kg
33.3 kg
Material
Anodized Aluminum
MTBF (Mean Time
Between Failure)
20,000 Hours



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com