Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRO280LM Datasheet(PDF) 6 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # PRO280LM
Description  Mechanical Bearing, Direct-Drive Linear Stage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

PRO280LM Datasheet(HTML) 6 Page - AEROTECH US. ALL RIGHTS RESERVED.

  PRO280LM Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
aerotech.com
PRO280LM DIMENSIONS
120
280
107.4
18
19
"A" STAGE LENGTH
"B"
295
8.8
15
15
250
METRIC
MOUNTING
254
ENGLISH
MOUNTING
MOUNTING SPACING
"C" METRIC
"D" ENGLISH
107.4 CMS6 THRU CMS9
SAFETY GROUND
1 M LENGTH FROM CABLE TRAY
STAGE MOTOR & FEEDBACK CABLES
1 M LENGTH FROM CABLE TRAY
STAGE TABLETOP
MOTOR COOLING LINE 6 MM OD
1 M LENGTH FROM CABLE TRAY
1.
ADDITIONAL CABLE TRAY
FOR MULTI-AXIS CABLE MANAGEMENT
295
100
280
150
250
200
33X M6X1.0
HELICOIL 10
25 TYP
4X M8X1.25
HELICOIL 13.2
TABLETOP
METRIC (-TT1)
NOTES:
1. M5X0.8 FOR CUSTOMER-INSTALLED AIR PURGE FITTING.
2. DIMENSIONS: MILLIMETERS.
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
MCN17095
A
PRO UPDATE: DRAWING REPLACES PRO280LM-CAT
ADDED THIRD ANGLE PROJECT SYMBOL
13-JAN-16
KSCHOCH
ECO0001731
B
MECH LIMIT TRAVEL SHORTENED BY 6MM FOR ALL
LENGTHS
29-MAY-19
JSTAHR
ECO0004810
C
RATIONALIZATION UPDATE: -TT2, -TT3 NOW SEE PG. 2
24-FEB-23
JMAGLOSKY
BASIC MODEL NOMINAL
TRAVEL
ELEC
LIMIT
TRAVEL
MECH
LIMIT
TRAVEL
A
B
C
D
PRO280LM-0300
300
302-308
334.4
737 368
250, 500-525
254
PRO280LM-0400
400
402-408
434.4
837 418 250, 500-525, 750
254, 762
PRO280LM-0500
500
502-508
534.4
937 468 250, 500-525, 750
254, 762
PRO280LM-0600
600
602-608
634.4 1037 518 250, 500-525, 750
254, 762
PRO280LM-0800
800
802-808
834.4 1237 618 250, 500-525, 750
254, 762
PRO280LM-1000
1000
1002-1008 1034.4 1437 718
250, 500-525,
750, 1250
254, 762,
1193.8
PRO280LM-1200
1200
1202-1208 1234.4 1637 818
250, 500-525,
750, 1250
254, 762,
1193.8
PRO280LM-1500
1500
1502-1508 1534.4 1937 968
250, 500-525,
750, 1250, 1750
254, 762,
1193.8, 1625.6
KSCHOCH
MODEL BY:
MODEL FILENAME:
PRO280LM-II
C
PRO280LM
PART CODE:
PRO280LM
PRO280LM-II-CAT
PART NAME:
DWG. NO.
REV
CATALOG DRAWING
SHEET 1 OF 2
22-DEC-15
DATE
GMATHEWS
DRAW
KSCHOCH
KSCHOCH
NAME
CHECK
APPR.
22-DEC-15
21-DEC-15
PLACE DRAWING VIEWS BELOW
120
280
107.4
18
19
"A" STAGE LENGTH
"B"
295
8.8
15
15
250
METRIC
MOUNTING
254
ENGLISH
MOUNTING
MOUNTING SPACING
"C" METRIC
"D" ENGLISH
107.4 CMS6 THRU CMS9
SAFETY GROUND
1 M LENGTH FROM CABLE TRAY
STAGE MOTOR & FEEDBACK CABLES
1 M LENGTH FROM CABLE TRAY
STAGE TABLETOP
MOTOR COOLING LINE 6 MM OD
1 M LENGTH FROM CABLE TRAY
1.
ADDITIONAL CABLE TRAY
FOR MULTI-AXIS CABLE MANAGEMENT
295
100
280
150
250
200
33X M6X1.0
HELICOIL 10
25 TYP
4X M8X1.25
HELICOIL 13.2
TABLETOP
METRIC (-TT1)
NOTES:
1. M5X0.8 FOR CUSTOMER-INSTALLED AIR PURGE FITTING.
2. DIMENSIONS: MILLIMETERS.
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
MCN17095
A
PRO UPDATE: DRAWING REPLACES PRO280LM-CAT
ADDED THIRD ANGLE PROJECT SYMBOL
13-JAN-16
KSCHOCH
ECO0001731
B
MECH LIMIT TRAVEL SHORTENED BY 6MM FOR ALL
LENGTHS
29-MAY-19
JSTAHR
ECO0004810
C
RATIONALIZATION UPDATE: -TT2, -TT3 NOW SEE PG. 2
24-FEB-23
JMAGLOSKY
BASIC MODEL NOMINAL
TRAVEL
ELEC
LIMIT
TRAVEL
MECH
LIMIT
TRAVEL
A
B
C
D
PRO280LM-0300
300
302-308
334.4
737 368
250, 500-525
254
PRO280LM-0400
400
402-408
434.4
837 418 250, 500-525, 750
254, 762
PRO280LM-0500
500
502-508
534.4
937 468 250, 500-525, 750
254, 762
PRO280LM-0600
600
602-608
634.4 1037 518 250, 500-525, 750
254, 762
PRO280LM-0800
800
802-808
834.4 1237 618 250, 500-525, 750
254, 762
PRO280LM-1000
1000
1002-1008 1034.4 1437 718
250, 500-525,
750, 1250
254, 762,
1193.8
PRO280LM-1200
1200
1202-1208 1234.4 1637 818
250, 500-525,
750, 1250
254, 762,
1193.8
PRO280LM-1500
1500
1502-1508 1534.4 1937 968
250, 500-525,
750, 1250, 1750
254, 762,
1193.8, 1625.6
KSCHOCH
MODEL BY:
MODEL FILENAME:
PRO280LM-II
C
PRO280LM
PART CODE:
PRO280LM
PRO280LM-II-CAT
PART NAME:
DWG. NO.
REV
CATALOG DRAWING
SHEET 1 OF 2
22-DEC-15
DATE
GMATHEWS
DRAW
KSCHOCH
KSCHOCH
NAME
CHECK
APPR.
22-DEC-15
21-DEC-15
PLACE DRAWING VIEWS BELOW
120
280
107.4
18
19
"A" STAGE LENGTH
"B"
295
8.8
15
15
250
METRIC
MOUNTING
254
ENGLISH
MOUNTING
MOUNTING SPACING
"C" METRIC
"D" ENGLISH
107.4 CMS6 THRU CMS9
SAFETY GROUND
1 M LENGTH FROM CABLE TRAY
STAGE MOTOR & FEEDBACK CABLES
1 M LENGTH FROM CABLE TRAY
STAGE TABLETOP
MOTOR COOLING LINE 6 MM OD
1 M LENGTH FROM CABLE TRAY
1.
ADDITIONAL CABLE TRAY
FOR MULTI-AXIS CABLE MANAGEMENT
295
100
280
150
250
200
33X M6X1.0
HELICOIL 10
25 TYP
4X M8X1.25
HELICOIL 13.2
TABLETOP
METRIC (-TT1)
NOTES:
1. M5X0.8 FOR CUSTOMER-INSTALLED AIR PURGE FITTING.
2. DIMENSIONS: MILLIMETERS.
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
MCN17095
A
PRO UPDATE: DRAWING REPLACES PRO280LM-CAT
ADDED THIRD ANGLE PROJECT SYMBOL
13-JAN-16
KSCHOCH
ECO0001731
B
MECH LIMIT TRAVEL SHORTENED BY 6MM FOR ALL
LENGTHS
29-MAY-19
JSTAHR
ECO0004810
C
RATIONALIZATION UPDATE: -TT2, -TT3 NOW SEE PG. 2
24-FEB-23
JMAGLOSKY
BASIC MODEL NOMINAL
TRAVEL
ELEC
LIMIT
TRAVEL
MECH
LIMIT
TRAVEL
A
B
C
D
PRO280LM-0300
300
302-308
334.4
737 368
250, 500-525
254
PRO280LM-0400
400
402-408
434.4
837 418 250, 500-525, 750
254, 762
PRO280LM-0500
500
502-508
534.4
937 468 250, 500-525, 750
254, 762
PRO280LM-0600
600
602-608
634.4 1037 518 250, 500-525, 750
254, 762
PRO280LM-0800
800
802-808
834.4 1237 618 250, 500-525, 750
254, 762
PRO280LM-1000
1000
1002-1008 1034.4 1437 718
250, 500-525,
750, 1250
254, 762,
1193.8
PRO280LM-1200
1200
1202-1208 1234.4 1637 818
250, 500-525,
750, 1250
254, 762,
1193.8
PRO280LM-1500
1500
1502-1508 1534.4 1937 968
250, 500-525,
750, 1250, 1750
254, 762,
1193.8, 1625.6
KSCHOCH
MODEL BY:
MODEL FILENAME:
PRO280LM-II
C
PRO280LM
PART CODE:
PRO280LM
PRO280LM-II-CAT
PART NAME:
DWG. NO.
REV
CATALOG DRAWING
SHEET 1 OF 2
22-DEC-15
DATE
GMATHEWS
DRAW
KSCHOCH
KSCHOCH
NAME
CHECK
APPR.
22-DEC-15
21-DEC-15
PLACE DRAWING VIEWS BELOW
120
280
107.4
18
19
"A" STAGE LENGTH
"B"
295
8.8
15
15
250
METRIC
MOUNTING
254
ENGLISH
MOUNTING
MOUNTING SPACING
"C" METRIC
"D" ENGLISH
107.4 CMS6 THRU CMS9
SAFETY GROUND
1 M LENGTH FROM CABLE TRAY
STAGE MOTOR & FEEDBACK CABLES
1 M LENGTH FROM CABLE TRAY
STAGE TABLETOP
MOTOR COOLING LINE 6 MM OD
1 M LENGTH FROM CABLE TRAY
1.
ADDITIONAL CABLE TRAY
FOR MULTI-AXIS CABLE MANAGEMENT
295
100
280
150
250
200
33X M6X1.0
HELICOIL 10
25 TYP
4X M8X1.25
HELICOIL 13.2
TABLETOP
METRIC (-TT1)
NOTES:
1. M5X0.8 FOR CUSTOMER-INSTALLED AIR PURGE FITTING.
2. DIMENSIONS: MILLIMETERS.
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
MCN17095
A
PRO UPDATE: DRAWING REPLACES PRO280LM-CAT
ADDED THIRD ANGLE PROJECT SYMBOL
13-JAN-16
KSCHOCH
ECO0001731
B
MECH LIMIT TRAVEL SHORTENED BY 6MM FOR ALL
LENGTHS
29-MAY-19
JSTAHR
ECO0004810
C
RATIONALIZATION UPDATE: -TT2, -TT3 NOW SEE PG. 2
24-FEB-23
JMAGLOSKY
BASIC MODEL NOMINAL
TRAVEL
ELEC
LIMIT
TRAVEL
MECH
LIMIT
TRAVEL
A
B
C
D
PRO280LM-0300
300
302-308
334.4
737 368
250, 500-525
254
PRO280LM-0400
400
402-408
434.4
837 418 250, 500-525, 750
254, 762
PRO280LM-0500
500
502-508
534.4
937 468 250, 500-525, 750
254, 762
PRO280LM-0600
600
602-608
634.4 1037 518 250, 500-525, 750
254, 762
PRO280LM-0800
800
802-808
834.4 1237 618 250, 500-525, 750
254, 762
PRO280LM-1000
1000
1002-1008 1034.4 1437 718
250, 500-525,
750, 1250
254, 762,
1193.8
PRO280LM-1200
1200
1202-1208 1234.4 1637 818
250, 500-525,
750, 1250
254, 762,
1193.8
PRO280LM-1500
1500
1502-1508 1534.4 1937 968
250, 500-525,
750, 1250, 1750
254, 762,
1193.8, 1625.6
KSCHOCH
MODEL BY:
MODEL FILENAME:
PRO280LM-II
C
PRO280LM
PART CODE:
PRO280LM
PRO280LM-II-CAT
PART NAME:
DWG. NO.
REV
CATALOG DRAWING
SHEET 1 OF 2
22-DEC-15
DATE
GMATHEWS
DRAW
KSCHOCH
KSCHOCH
NAME
CHECK
APPR.
22-DEC-15
21-DEC-15
PLACE DRAWING VIEWS BELOW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com