Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC2004IRTJT Datasheet(PDF) 39 Page - Texas Instruments

Part # TSC2004IRTJT
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004IRTJT Datasheet(HTML) 39 Page - Texas Instruments

Back Button TSC2004IRTJT Datasheet HTML 35Page - Texas Instruments TSC2004IRTJT Datasheet HTML 36Page - Texas Instruments TSC2004IRTJT Datasheet HTML 37Page - Texas Instruments TSC2004IRTJT Datasheet HTML 38Page - Texas Instruments TSC2004IRTJT Datasheet HTML 39Page - Texas Instruments TSC2004IRTJT Datasheet HTML 40Page - Texas Instruments TSC2004IRTJT Datasheet HTML 41Page - Texas Instruments TSC2004IRTJT Datasheet HTML 42Page - Texas Instruments TSC2004IRTJT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
www.ti.com
DATA REGISTERS
X, Y, Z1, Z2, AUX, TEMP1 and TEMP2 REGISTERS
Register Map
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
PDST—Power down status. This bit reflects the setting of the PND0 bit in Control Byte 0. When this bit shows '0',
it indicates A/D converter bias circuitry is still powered on after each conversion and before the next sampling;
otherwise, it indicates A/D converter bias circuitry is powered down after each conversion and before the next
sampling. However, it is powered down between conversion sets. Because this status bit is synchronized with
the internal clock, it does not reflect the setting of the PND0 bit until a pen touch is detected or a converter
function is running.
ID[1:0] Device ID bits: These bits represent the version ID of TSC2004. This version defaults to '00'.
The data registers of the TSC2004 hold data results from conversions. All of these registers default to 0000h
upon reset.
The results of all A/D conversions are placed in the appropriate data registers, as described in Table 10. The
data format of the result word (R) of these registers is right-justified, as shown in Table 29.
Table 29. Internal Register Format
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
The TSC2004 has several 16-bit registers that allow control of the device, as well as providing a location to store
results from the TSC2004 until read out by the host microprocessor. Table 30 shows the memory map.
Table 30. Register Content and Reset Values(1)
RESET
A3-A0
REGISTER
VALUE
(HEX)
NAME
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(HEX)
0
X
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
1
Y
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
2
Z1
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
3
Z2
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
4
AUX
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
5
Temp1
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
6
Temp2
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
Rsvd
7
Status
S15
S14
S13
S12
S11
S10
S9
0
S7
S6
S5
S3
S2
S1
S0
0004
(2)
8
AUX High
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0FFF
9
AUX Low
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
A
Temp High
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0FFF
B
Temp Low
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
C
CFR0
R15
R14
R13
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
4000
D
CFR1
0
0
0
0
R11
R10
R9
R8
0
0
0
0
0
R2
R1
R0
0000
E
CFR2
R15
R14
R13
R12
R11
R10
R9
R8
R7
R6
0
R4
R3
R2
R1
R0
0000
Converter
Rsvd
F
Function
R15
R14
R13
R12
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
(2)
Select Status
(1)
For all combination bits, the pattern marked as Rsvd (reserved) must not be used. The default pattern is read back after reset.
(2)
This bit is reserved.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com