Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB1002AIRGER.B Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB1002AIRGER.B
Description  TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1002AIRGER.B Datasheet(HTML) 2 Page - Texas Instruments

  TUSB1002AIRGER.B Datasheet HTML 1Page - Texas Instruments TUSB1002AIRGER.B Datasheet HTML 2Page - Texas Instruments TUSB1002AIRGER.B Datasheet HTML 3Page - Texas Instruments TUSB1002AIRGER.B Datasheet HTML 4Page - Texas Instruments TUSB1002AIRGER.B Datasheet HTML 5Page - Texas Instruments TUSB1002AIRGER.B Datasheet HTML 6Page - Texas Instruments TUSB1002AIRGER.B Datasheet HTML 7Page - Texas Instruments TUSB1002AIRGER.B Datasheet HTML 8Page - Texas Instruments TUSB1002AIRGER.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 5
5.1 Absolute Maximum Ratings........................................ 5
5.2 ESD Ratings............................................................... 5
5.3 Recommended Operating Conditions.........................5
5.4 Thermal Information....................................................5
5.5 Electrical Characteristics.............................................6
5.6 Timing Requirements..................................................8
5.7 Switching Characteristics............................................8
5.8 Typical Characteristics.............................................. 11
6 Detailed Description......................................................14
6.1 Overview................................................................... 14
6.2 Functional Block Diagram......................................... 14
6.3 Feature Description...................................................15
6.4 Device Functional Modes..........................................18
6.5 U0 Mode................................................................... 18
6.6 U1 Mode................................................................... 18
6.7 U2/U3 Mode..............................................................18
7 Application and Implementation.................................. 19
7.1 Application Information............................................. 19
7.2 Typical USB3.2 Application.......................................19
7.3 Typical SATA, PCIe and SATA Express
Application...................................................................23
7.4 Power Supply Recommendations.............................26
7.5 Layout....................................................................... 26
8 Device and Documentation Support............................28
8.1 Receiving Notification of Documentation Updates....28
8.2 Support Resources................................................... 28
8.3 Trademarks...............................................................28
8.4 Electrostatic Discharge Caution................................28
8.5 Glossary....................................................................28
9 Revision History............................................................ 28
10 Mechanical, Packaging, and Orderable
Information.................................................................... 29
TUSB1002A
SLLSF63C – MARCH 2018 – REVISED JULY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB1002A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com