Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP171C Datasheet(PDF) 1 Page - Multicomp Pro

Part # MP171C
Description  Hand Held Digital Multimeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP171C Datasheet(HTML) 1 Page - Multicomp Pro

  MP171C Datasheet HTML 1Page - Multicomp Pro MP171C Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
07/05/25
Hand Held Digital Multimeter
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Specifications
Description
This series are industrial grade multimeters used by professionals. Its built-in square wave
output is useful for troubleshooting industrial control signals. The LoZ (ACV) feature can be
used to identify residual (ghost) voltage in large capacitors. This OLED display has great
viewing angle and is perfect for working in low temperatures.
Features
• AC+DC measurement
• Peak hold
• Rechargeable battery
• VFC low-pass filtering
• USB/Bluetooth communication
Range
MP171B
MP171C
DC voltage (V)
1000V
±(0.025%+5)
±(0.025%+5)
AC voltage (V)
1000V
±(0.4%+40)
±(0.4%+40)
DC current (A)
10A
±(0.15%+10)
±(0.15%+10)
AC current (A)
10A
±(0.75%+20)
±(0.75%+20)
Resistance (Ω)
60MΩ
±(0.05%+2)
±(0.05%+2)
Admittance (nS)
60nS
±(1%+10)
±(1%+10)
Capacitance (F)
60mF
±(2.5%+5)
±(2.5%+5)
Frequence (Hz)
10Hz~10MHz
±(0.01%+5)
±(0.01%+5)
Temperature (°C)
-40°C~1000°C
±(1%+3)
±(1%+3)
Temperature (°F)
-40°F~1832-°F
±(1.5%+5)
±(1.5%+5)
Display count
60000
60000
Auto/Manual range
√
√
True RMS
√
√
Bandwidth (Hz)
100kHz
√
√
4~20mA loop
0~100%
√
√
LoZ (ACV)
Around 3kΩ
√
√
Diode
Around 3V
√
√
Continuity buzzer
√
√
Duty cycle
0.1%~99.9%
√
√
NCV/Data hold/Max/Min
√
√


Similar Part No. - MP171C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP171 MPS-MP171 Datasheet
516Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 60 mA Output Current
logo
M-System Co.,Ltd.
MP1710-1-FH MSYSTEM-MP1710-1-FH Datasheet
87Kb / 4P
FREQUENCY INPUT LIMIT ALARM
MP1710-1-FR MSYSTEM-MP1710-1-FR Datasheet
87Kb / 4P
FREQUENCY INPUT LIMIT ALARM
MP1710-1-FT MSYSTEM-MP1710-1-FT Datasheet
87Kb / 4P
FREQUENCY INPUT LIMIT ALARM
MP1710-1-FV MSYSTEM-MP1710-1-FV Datasheet
87Kb / 4P
FREQUENCY INPUT LIMIT ALARM
More results

Similar Description - MP171C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120080013 MOLEX11-1120080013 Datasheet
510Kb / 3P
Hand Held Digital NetMeter for DeviceNet
logo
SICK AG
IDM120-3PDF01B SICK-IDM120-3PDF01B Datasheet
775Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM140-2BT SICK-IDM140-2BT Datasheet
747Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
HAND-HELD SCANNERS
IDM162-300S SICK-IDM162-300S Datasheet
787Kb / 5P
HAND-HELD SCANNERS
2017-05-12
logo
Fluke Corporation
123B FLUKE-123B Datasheet
2Mb / 11P
ScopeMeter짰 Hand-Held Oscilloscopes Dual-input digital oscilloscope and multimeter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com