Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB1046AI-DCI Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB1046AI-DCI
Description  TUSB1046A-DCI USB Type-C™ DisplayPort™ ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1046AI-DCI Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB1046AI-DCI Datasheet HTML 10Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 11Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 12Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 13Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 14Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 15Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 16Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 17Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
14
TUSB1046A-DCI
SLLSF13B – JUNE 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TUSB1046A-DCI
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TUSB1046A-DCI is a VESA USB Type-C Alt Mode redriving switch supporting data rates up to 8.1 Gbps for
downstream facing port. These devices utilize 5th generation USB redriver technology. The devices are utilized
for DFP configurations C, D, E, and F from the VESA DisplayPort Alt Mode on USB Type-C.
The TUSB1046A-DCI provides several levels of receive equalization to compensate for cable and board trace
loss due to inter-symbol interference (ISI) when USB 3.1 Gen1/Gen2 or DisplayPort 1.4 signals travel across a
PCB or cable. This device requires a 3.3-V power supply. It comes in a commercial temperature range and
industrial temperature range.
For a host application the TUSB1046A-DCI enables the system to pass both transmitter compliance and receiver
jitter tolerance tests for USB 3.1 Gen1/Gen2 and DisplayPort version 1.4 HBR3. The re-driver recovers incoming
data by applying equalization that compensates for channel loss, and drives out signals with a high differential
voltage. Each channel has a receiver equalizer with selectable gain settings. The equalization should be set
based on the amount of insertion loss before the TUSB1046A-DCI receivers. Independent equalization control for
each channel can be set using EQ[1:0], SSEQ[1:0], and DPEQ[1:0] pins.
The TUSB1046A-DCI advanced state machine makes it transparent to hosts and devices. After power up, the
TUSB1046A-DCI. periodically performs receiver detection on the TX pairs. If it detects a USB 3.1 Gen1/Gen2
receiver, the RX termination is enabled, and the TUSB1046A-DCI is ready to re-drive.
The device ultra-low-power architecture operates at a 3.3-V power supply and achieves enhanced performance.
The automatic LFPS de-emphasis control further enables the system to be USB3.1 compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com