Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB522PIRGET.A Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB522PIRGET.A
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522PIRGET.A Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB522PIRGET.A Datasheet HTML 12Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 13Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 14Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 15Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 16Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 17Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 18Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 19Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
• The ESD and EMI protection devices (if used) must also be placed as close as possible to the USB
connector.
• Place voltage regulators as far away as possible from the differential pairs.
• To minimize crosstalk, TI recommends keeping high-speed signals away from each other. Each pair must be
separated by at least 5 times the signal trace width. Separating with ground also helps minimize crosstalk.
8.4.2 Layout Example
Figure 8-3. Example Layout
TUSB522P
SLLSEV9E – JULY 2016 – REVISED NOVEMBER 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB522P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com