Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB8042A1RGCR/T Datasheet(PDF) 48 Page - Texas Instruments

Part # TUSB8042A1RGCR/T
Description  TUSB8042A Four-Port USB 3.2 x1 Gen1 Hub
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8042A1RGCR/T Datasheet(HTML) 48 Page - Texas Instruments

Back Button TUSB8042A1RGCR/T Datasheet HTML 44Page - Texas Instruments TUSB8042A1RGCR/T Datasheet HTML 45Page - Texas Instruments TUSB8042A1RGCR/T Datasheet HTML 46Page - Texas Instruments TUSB8042A1RGCR/T Datasheet HTML 47Page - Texas Instruments TUSB8042A1RGCR/T Datasheet HTML 48Page - Texas Instruments TUSB8042A1RGCR/T Datasheet HTML 49Page - Texas Instruments TUSB8042A1RGCR/T Datasheet HTML 50Page - Texas Instruments TUSB8042A1RGCR/T Datasheet HTML 51Page - Texas Instruments TUSB8042A1RGCR/T Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
Figure 9-16. High-Speed Downstream Port 1
Figure 9-17. High-Speed Downstream Port 2
Figure 9-18. High-Speed Downstream Port 3
Figure 9-19. High-Speed Downstream Port 4
9.3 Power Supply Recommendations
9.3.1 TUSB8042A Power Supply
Implement VDD and VDD33 as a single power planes.
• The VDD pins of the TUSB8042A supply 1.1V (nominal) power to the core of the TUSB8042A. This power rail
can be isolated from all other power rails by a ferrite bead to reduce noise.
• The DC resistance of the ferrite bead on the core power rail can affect the voltage provided to the device
due to the high current draw on the power rail. The output of the core voltage regulator can be adjusted to
account for this, or a ferrite bead with low DC resistance (less than 0.05Ω) can be selected.
• The VDD33 pins of the TUSB8042A supply 3.3V power rail to the I/O of the TUSB8042A. This power rail can
be isolated from all other power rails by a ferrite bead to reduce noise.
• All power rails require a 10µF capacitor or 1µF capacitors for stability and noise immunity. These bulk
capacitors can be placed anywhere on the power rail. Place the smaller decoupling capacitors as close to the
TUSB8042A power pins as possible with an optimal grouping of two of differing values per pin.
9.3.2 Downstream Port Power
• The downstream port power, VBUS, must be supplied by a source capable of supplying 5V and up to 900mA
per port. Downstream port power switches can be controlled by the TUSB8042A signals. It is also possible to
leave the downstream port power always enabled.
• A large bulk low-ESR capacitor of 22µF or larger is required on the VBUS pin of each downstream port to
limit in-rush current.
• The ferrite beads on the VBUS pins of the downstream USB port connections are recommended for both
ESD and EMI reasons. A 0.1µF capacitor on the USB connector side of the ferrite provides a low impedance
path to ground in case a fast rise time ESD current coupled onto the VBUS trace from the cable.
TUSB8042A
SLLSF93A – JUNE 2019 – REVISED JANUARY 2025
www.ti.com
48
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB8042A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com