Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB8041IRGCT Datasheet(PDF) 22 Page - Texas Instruments

Part # TUSB8041IRGCT
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041IRGCT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB8041IRGCT Datasheet HTML 18Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 19Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 20Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 21Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 22Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 23Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 24Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 25Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
22
TUSB8041
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.5.11 Device Configuration Register 2
Table 22. Register Offset Ah
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
X
0
0
0
X
0
Table 23. Bit Descriptions – Device Configuration Register 2
Bit
Field Name
Access
Description
7
Reserved
RO
Reserved. Read-only, returns 0 when read.
6
customBCfeatures
RW
Custom Battery Charging Feature Enable. This bit controls the ability to
write to the battery charging feature configuration controls.
0 = The HiCurAcpModeEn and cpdEN bits are read only and the
values are loaded from the OTP ROM.
1 = The HiCurAcpModeEn and cpdEN, bits are read/write and can
be loaded by EEPROM or written by SMBus. from this register.
This bit may be written simultaneously with HiCurAcpModeEn and
cpdEN.
5
pwrctlPol
RW
Power enable polarity. This bit is loaded at the de-assertion of reset with
the value of the PWRCTL_POL pin.
0 = PWRCTL polarity is active low
1 = PWRCTL polarity is active high
When the TUSB8041 is in I2C mode, the TUSB8041 loads this bit from
the contents of the EEPROM.
When the TUSB8041 is in SMBUS mode, the value may be over-written
by an SMBus host.
4
HiCurAcpModeEn
RO/RW
High-current ACP mode enable. This bit enables the high-current tablet
charging mode when the automatic battery charging mode is enabled for
downstream ports.
0 = High current divider mode disabled
1 = High current divider mode enabled
This bit is read only unless the customBCfeatures bit is set to 1. If
customBCfeatures is 0, the value of this bit reflects the value of the OTP
ROM HiCurAcpModeEn bit.
3
cpdEN
RORW
Enable Device Attach Detection. This bit enables device attach detection
(aka, cell phone detect) when autoMode is enabled.
0 = Device Attach detect is disabled in automode.
1 = Device Attach detect is enabled in automode..
This bit is read only unless the customBCfeatures bit is set to 1. If
customBCfeatures is 0 the value of this bit reflects the value of the OTP
ROM cpdEN bit.
2
dsportEcr_en
RW
DSPORT ECR Enable. This bit enables full implementation of the
DSPORT ECR (April 2013).
0 = The DSPORT ECR (April 2013) is enabled with exception of the
following: Changes related to when CCS bit is set upon entering U0,
and Changes related to avoiding or reporting compliance mode entry
1 = The full DSPORT ECR (April 2013) is enabled.
The default value of this bit is 0. The value returned from this register will
be the OR of this bit and the OTP ROM dsport_ecr_en bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com