Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMM6001-SC Datasheet(PDF) 3 Page - Mimix Broadband

Part # CMM6001-SC
Description  0.05-3.0 GHz High Dynamic Range Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM6001-SC Datasheet(HTML) 3 Page - Mimix Broadband

  CMM6001-SC Datasheet HTML 1Page - Mimix Broadband CMM6001-SC Datasheet HTML 2Page - Mimix Broadband CMM6001-SC Datasheet HTML 3Page - Mimix Broadband CMM6001-SC Datasheet HTML 4Page - Mimix Broadband CMM6001-SC Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
Typical Scattering Parameters (Vd = +5V, Ids = 75 mA, T = 22°C, unmatched device in a 50 ohm system)
CMM6001-SC
Frequency
S 11
S 21
S 12
S 22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
300
0.313
-38.56
4.435
159.70
0.118
-2.96
0.090
-50.49
400
0.307
-43.12
4.382
155.90
0.118
-7.56
0.078
-44.05
500
0.305
-48.70
4.344
151.60
0.118
-11.62
0.072
-38.92
600
0.304
-54.84
4.309
147.20
0.117
-15.23
0.070
-35.16
700
0.305
-61.22
4.270
142.70
0.117
-18.70
0.070
-32.63
800
0.307
-67.68
4.234
138.20
0.117
-22.02
0.071
-31.18
900
0.310
-74.20
4.197
133.60
0.116
-25.29
0.073
-30.88
1000
0.313
-80.57
4.158
129.00
0.116
-28.50
0.076
-31.21
1100
0.316
-86.85
4.122
124.40
0.115
-31.71
0.078
-31.76
1200
0.318
-93.11
4.085
119.90
0.115
-34.88
0.082
-32.50
1300
0.322
-99.29
4.043
115.30
0.114
-37.94
0.086
-33.84
1400
0.324
-105.40
4.004
110.70
0.114
-40.98
0.090
-35.26
1500
0.327
-111.40
3.960
106.20
0.113
-44.08
0.094
-36.85
1600
0.329
-117.40
3.919
101.70
0.112
-47.07
0.097
-38.64
1700
0.332
-123.40
3.879
97.22
0.112
-50.08
0.101
-40.76
1800
0.335
-129.20
3.838
92.77
0.111
-53.15
0.104
-42.85
1900
0.337
-135.00
3.799
88.32
0.110
-56.07
0.108
-45.06
2000
0.339
-140.80
3.760
83.87
0.109
-59.11
0.111
-47.37
2100
0.340
-146.50
3.720
79.47
0.109
-62.08
0.114
-49.53
2200
0.341
-152.30
3.679
75.03
0.108
-65.06
0.118
-51.72
2300
0.342
-158.20
3.639
70.64
0.107
-67.98
0.121
-53.76
2400
0.343
-164.10
3.600
66.25
0.106
-71.02
0.124
-55.82
2500
0.343
-169.80
3.561
61.89
0.105
-73.95
0.127
-57.84
2600
0.344
-175.80
3.524
57.51
0.105
-76.90
0.130
-59.75
2700
0.344
178.20
3.486
53.16
0.104
-79.96
0.133
-61.67
2800
0.344
172.20
3.448
48.81
0.103
-82.91
0.135
-63.35
2900
0.344
166.10
3.410
44.46
0.102
-85.93
0.137
-65.11
3000
0.344
160.00
3.373
40.13
0.101
-88.99
0.139
-66.85
S-Parameter Data Files are available online at www.mimixbroadband.com.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 15-Aug-07
0.05-3.0 GHz
High Dynamic Range Amplifier



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com