Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD2CANFD24V-UX Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PESD2CANFD24V-UX
Description  ESD protection for In-vehicle networks
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD2CANFD24V-UX Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PESD2CANFD24V-UX Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD2CANFD24V-UX Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD2CANFD24V-UX Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD2CANFD24V-UX Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD2CANFD24V-UX Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD2CANFD24V-UX Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD2CANFD24V-UX Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESD2CANFD24V-UX Datasheet HTML 11Page - Nexperia B.V. All rights reserved PESD2CANFD24V-UX Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Nexperia
PESD2CANFD24V-U
ESD protection for In-vehicle networks
11. Package outline
UNIT
A1
max
bp
c
D
E
e1
HE
Lp
Q
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.1
1.1
0.8
0.4
0.3
0.25
0.10
2.2
1.8
1.35
1.15
0.65
e
1.3
2.2
2.0
0.23
0.13
0.2
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT323
SC-70
w M
bp
D
e1
e
A
B
A1
Lp
Q
detail X
c
HE
E
v M A
A
B
y
0
1
2 mm
scale
A
X
1
2
3
Plastic surface-mounted package; 3 leads
SOT323
04-11-04
06-03-16
Fig. 11. Package outline SC-70 (SOT323)
PESD2CANFD24V-U
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
20 December 2019
8 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com