Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSF0108 Datasheet(PDF) 97 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 97 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 93Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 94Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 95Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 96Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 97Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 98Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 99Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 100Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 101Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 234 page
background image
Power MOSFETs
Segment
Power silicon
max
Package type
› B = D2PAK
› E = I2PAK
› M = LFPAK33
› P = TO-220
› S = LFPAK88
› U = LFPAK56-UL2595
› Y = LFPAK56
Gate threshold voltage
› L = Logic level
› S = Standard level
› U = Ultra low gate
› X = Extremely low gate
› E = Enhanced logic
Technology family, e.g.
› C = NextPower
› D = NextPowerS3
(Super-fast Switching
with Soft Recovery)
› E = NextPower Live
(optimized for hot-swap
applications)
› F = NextPower 80/100 V
› H = Very low R
DS(on)
Channel
N = N-channel
P = P-channel
X = Dual
R
DS(on) in mΩ
R51 means 0.51 mΩ max at 25 °C
1R7 means 1.7 mΩ max at 25 °C
Voltage rating
BV
DSS rating
PSM N R51 - 25 Y L H
Power MOSFETs nomenclature
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com