Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC115LRGP Datasheet(PDF) 40 Page - Texas Instruments

Part # CC115LRGP
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGP Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC115LRGP Datasheet HTML 36Page - Texas Instruments CC115LRGP Datasheet HTML 37Page - Texas Instruments CC115LRGP Datasheet HTML 38Page - Texas Instruments CC115LRGP Datasheet HTML 39Page - Texas Instruments CC115LRGP Datasheet HTML 40Page - Texas Instruments CC115LRGP Datasheet HTML 41Page - Texas Instruments CC115LRGP Datasheet HTML 42Page - Texas Instruments CC115LRGP Datasheet HTML 43Page - Texas Instruments CC115LRGP Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
5.17 Asynchronous and Synchronous Serial Operation
Several features and modes of operation have been included in the CC115L to provide backward
compatibility with previous Chipcon products and other existing RF communication systems. For new
systems, it is recommended to use the built-in packet handling features, as they can give more robust
communication, significantly offload the microcontroller, and simplify software development.
5.17.1 Asynchronous Serial Operation
Asynchronous transfer is included in the CC115L for backward compatibility with systems that are already
using the asynchronous data transfer.
When asynchronous transfer is enabled, all packet handling support is disabled and it is not possible to
use Manchester encoding.
Asynchronous serial mode is enabled by setting PKTCTRL0.PKT_FORMAT to 3. Strobing STX will
configure the GDO0 pin as data input (TX data) regardless of the content of the IOCFG0 register. Data
output can be on GDO0, GDO1, or GDO2. This is set by the IOCFG0.GDO0_CFG, IOCFG1.GDO1_CFG
and IOCFG2.GDO2_CFG fields.
The CC115L modulator samples the level of the asynchronous input 8 times faster than the programmed
data rate. The timing requirement for the asynchronous stream is that the error in the bit period must be
less than one eighth of the programmed data rate.
5.17.2 Synchronous Serial Operation
Setting PKTCTRL0.PKT_FORMAT to 1 enables synchronous serial mode. When using this mode, sync
detection should be disabled together with CRC calculation ( MDMCFG2.SYNC_MODE=000 and
PKTCTRL0.CRC_EN=0).
Infinite
packet
length
mode
should
be
used
(
PKTCTRL0.LENGTH_CONFIG=10b).
In synchronous serial mode, data is transferred on a two-wire serial interface. The CC115L provides a
clock that is used to set up new data on the data input line or sample data on the data output line. Data
input (TX data) is on the GDO0 pin. This pin will automatically be configured as an input when TX is
active. The TX latency is 8 bits.
The MCU must handle preamble and sync word insertion/detection in software, together with CRC
calculation and insertion.
40
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com