Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC115LRGPR.B Datasheet(PDF) 10 Page - Texas Instruments

Part # CC115LRGPR.B
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC115LRGPR.B Datasheet HTML 6Page - Texas Instruments CC115LRGPR.B Datasheet HTML 7Page - Texas Instruments CC115LRGPR.B Datasheet HTML 8Page - Texas Instruments CC115LRGPR.B Datasheet HTML 9Page - Texas Instruments CC115LRGPR.B Datasheet HTML 10Page - Texas Instruments CC115LRGPR.B Datasheet HTML 11Page - Texas Instruments CC115LRGPR.B Datasheet HTML 12Page - Texas Instruments CC115LRGPR.B Datasheet HTML 13Page - Texas Instruments CC115LRGPR.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
TA = 25°C, VDD = 3.0 V, +10 dBm if nothing else stated. All measurement results are obtained using SWRR046 and
SWRR045.
Parameter
Min
Typ
Max
Unit
Condition
All radiated spurious emissions are within the limits of
ETSI. The peak conducted spurious emission is
−53
dBm at 699 MHz (868 MHz - 169 MHz), which is in a
frequency band limited to
−54 dBm by EN 300 220
V2.3.1. An alternative filter can be used to reduce the
emission at 699 MHz below
−54 dBm, for conducted
measurements, and is shown in Figure 6-2. See more
information in DN017 SWRA168.
For compliance with modulation bandwidth requirements
under EN 300 220 V2.3.1 in the 863 to 870 MHz
frequency range it is recommended to use a 26 MHz
crystal for frequencies below 869 MHz and a 27 MHz
crystal for frequencies above 869 MHz.
Measured with +11 dBm CW at 915 MHz
<
−51
Frequencies below 960 MHz
915 MHz
<
−54
Frequencies above 960 MHz
TX latency
8
bit
Serial operation. Time from sampling the data on the
transmitter data input pin until it is observed on the RF
output ports.
4.6.1
Typical Variation in Output Power over Temperature and Supply Voltage, 868 MHz
Supply Voltage
Supply Voltage
Supply Voltage
VDD = 1.8 V
VDD = 3.0 V
VDD = 3.6 V
Temperature [°C]
−40
25
85
−40
25
85
−40
25
85
Output Power [dBm], PATABLE=0xC0, +12 dBm
12
11
10
12
12
11
12
12
11
Output Power [dBm], PATABLE=0xC5, +10 dBm
11
10
9
11
10
10
11
10
10
Output Power [dBm], PATABLE=0x50, 0 dBm
1
0
-1
2
1
0
2
1
0
4.6.2
Typical Variation in Output Power over Temperature and Supply Voltage, 915 MHz
Supply Voltage
Supply Voltage
Supply Voltage
VDD = 1.8 V
VDD = 3.0 V
VDD = 3.6 V
Temperature [°C]
−40
25
85
−40
25
85
−40
25
85
Output Power [dBm], PATABLE=0xC0, +11 dBm
11
10
10
12
11
11
12
11
11
Output Power [dBm], PATABLE=0x8E, +0 dBm
2
1
0
2
1
0
2
1
0
10
Specifications
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com