Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC38RF80IAAV.B Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC38RF80IAAV.B
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC38RF80IAAV.B Datasheet HTML 17Page - Texas Instruments DAC38RF80IAAV.B Datasheet HTML 18Page - Texas Instruments DAC38RF80IAAV.B Datasheet HTML 19Page - Texas Instruments DAC38RF80IAAV.B Datasheet HTML 20Page - Texas Instruments DAC38RF80IAAV.B Datasheet HTML 21Page - Texas Instruments DAC38RF80IAAV.B Datasheet HTML 22Page - Texas Instruments DAC38RF80IAAV.B Datasheet HTML 23Page - Texas Instruments DAC38RF80IAAV.B Datasheet HTML 24Page - Texas Instruments DAC38RF80IAAV.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 160 page
background image
6.9 Timing Requirements
MIN
NOM
MAX
UNIT
Digital Input Timing Specifications
Timing: SYSREF+/-
ts(SYSREF)
Setup time, SYSREF+/- valid to rising
edge of DACCLK+/-
SYSREF Capture assist disabled
50
ps
th(SYSREF)
Hold time, SYSREF+/- valid after rising
edge of DACCLK+/-
SYSREF Capture assist disabled
50
ps
Timing: SeriaL Port
ts(/SDEN)
Setup time, SDEN to rising edge of SCLK
20
ns
ts(SDIO)
Setup time, SDIO valid to rising edge of SCLK
10
ns
th(SDIO)
Hold time, SDIO valid after rising edge of SCLK
5
ns
t(SCLK)
Period of SCLK
temperature sensor read
1
µs
All other registers
100
ns
td(Data)
Data output delay after falling edge of SCLK
25
ns
tRESET
Minimum RESET pulse width
25
ns
Analog Output
ts(DAC)
Output settling time to 0.1%
1
ns
tr
Output rise time 10% to 90%
50
ps
tf
Output fall time 90% to 10%
50
ps
Latency
RX SerDes AnalogDelay
250
ps
DAC wake-up time
IOUT current settling to 1% of IOUTFS from
deep sleep
90
µs
DAC sleep time
IOUT current settling to less than 1% of
IOUTFS in deep sleep
90
µs
www.ti.com
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com