Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA183A2IDBVR Datasheet(PDF) 4 Page - Texas Instruments

Part # INA183A2IDBVR
Description  INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA183A2IDBVR Datasheet(HTML) 4 Page - Texas Instruments

  INA183A2IDBVR Datasheet HTML 1Page - Texas Instruments INA183A2IDBVR Datasheet HTML 2Page - Texas Instruments INA183A2IDBVR Datasheet HTML 3Page - Texas Instruments INA183A2IDBVR Datasheet HTML 4Page - Texas Instruments INA183A2IDBVR Datasheet HTML 5Page - Texas Instruments INA183A2IDBVR Datasheet HTML 6Page - Texas Instruments INA183A2IDBVR Datasheet HTML 7Page - Texas Instruments INA183A2IDBVR Datasheet HTML 8Page - Texas Instruments INA183A2IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Analog inputs, , IN+, IN– (1)
Differential (VIN+) – (VIN–)
GND – 0.3
26
V
Common-mode (2)
GND – 0.3
26
V
Output (2)
GND – 0.3
(IN+) + 0.3
V
Operating temperature
–55
150
°C
Junction temperature
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
VIN+ and VIN– are the voltages at the IN+ and IN– terminals, respectively.
(2)
Input voltage at any terminal may exceed the voltage shown if the current at that terminal is limited to 5 mA.
7.2 ESD Ratings
MIN
MAX
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage range, voltage at IN+ pin
2.7
12
26
V
TA
Operating free-air temperature
–40
125
°C
7.4 Thermal Information
THERMAL METRIC (1)
INA183
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance
164.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
60.1
°C/W
RθJB
Junction-to-board thermal resistance
36.6
°C/W
ψJT
Junction-to-top characterization parameter
10.3
°C/W
ψJB
Junction-to-board characterization parameter
36.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
INA183
SBOSA08 – FEBRUARY 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com