Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS6C6264 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS6C6264
Description  8K X 8 BIT LOW POWER CMOS SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C6264 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS6C6264_V01 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C6264_V01 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C6264_V01 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C6264_V01 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C6264_V01 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C6264_V01 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C6264_V01 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C6264_V01 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C6264_V01 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FEATURES
Access time :55ns
Low power consumption:
Operation current :
15mA (TYP.), VCC = 3.0V
Standby current :
1µ A (TYP.), VCC = 3.0V
Wide range power supply : 2.7 ~ 5.5V
Fully static operation
Tri-state output
Data retention voltage :
1.5V (MIN.)
All products ROHS Compliant
Package : 28-pin 600 mil PDIP
28-pin 330 mil SOP
28-pin 8mm x 13.4mm sTSOP
GENERAL DESCRIPTION
The AS6C6264 is a 65,536-bit low power CMOS
static random access memory organized as 8,192
words by 8 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The AS6C6264 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The AS6C6264 operates with wide range power
supply.
FUNCTIONAL BLOCK DIAGRAM
DE C ODE R
I/O DATA
C IR C UIT
C ONTR OL
C IR C UIT
8K x8
ME MOR Y AR R AY
C OLUM N I/O
A0-A12
Vcc
Vss
DQ0-DQ7
C E #
WE #
OE #
C E 2
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A12
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#, CE2
Chip Enable Inputs
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No Connection
®
8K X 8 BIT LOW POWER CMOS SRAM
Fully Compatible with all Competitors 5V product
Fully Compatible with all Competitors 3.3V product
All inputs and outputs TTL compatible
February 2007
Updated July 2017
AS6C6264
July 2017, v2.0
Alliance Memory Inc
Page 1 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com