Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMANLP1007 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMANLP1007
Description  806-960 / 1710-2500 MHz, 9 dBi Gain, V-pol, Type N Female
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMANLP1007 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMANLP1007 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMANLP1007 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMANLP1007 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.0 Page 1 of 3
Copyright © 2020
The Log Periodic antenna FMANLP1007 from Fairview Microwave is a high-
performance RF component which operates from 806 to 2500 MHz with 9 dBi of gain.
FMANLP1007isidealforapplicationswheredirectivityandcoverageareveryimportant
like for point-to-point applications, 5G, LTE, CMDA, LoRA, IoT, WIFI. For long distance
directional communication over a wide range of frequencies FMANLP1007 is best.
The FMANLP1007 has a 12 inches long pigtail terminated with 1 Type N Female
connector. The log periodic FMANLP1007 has 55 vertical beamwidth and 65
horizontal beamwidth. This antenna has Vertical polarization and the included
mounting brackets allow for either vertical or horizontal mounting configurations
with easy install instructions.
Log periodic antennas function as boosters
where the existing cellular signal is weak and needs to reach further distances.
Fairview Microwave’s 806 to 2500 MHz log periodic antenna FMANLP1007 antennas
has 9 dBi max gain for 5G DAS networks operate in bands n1, n2, n3, n5, n8,
n18, n20, n25, n26, n30, n34, n39, n40, n41, n53, n65, n66, n67, n70, n80, n81,
n82, n84, n86, n89, n90, n91, n92, n93, n94, n95, n97, n98. This 5G directional
log periodic antenna with N Female Type connector is in stock and ready to ship
the same day. Contact our knowledgeable and friendly technical support and sales
staff for your answers on antennas or other Fairview Microwave products.
Configuration
Design
Log Periodic
Gain
9 dBi
Polarization
Vertical
Cable Type
Coax Cable
Cable Length
11.8 in [299.72 mm]
Connector Type
N Female
Number of Ports
1
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
806
2,500
MHz
Input VSWR
1.5:1
Impedance
50
Ohms
Gain
9
dBi
Front to Back Ratio
14
dB
Input Power
100
Watts
Specifications by Frequency
Description
Band 1 Band 2 Band 3 Band 4 Band 5
Units
Range
0.806-0.96 1.71-2.5
GHz
Gain
9
9
dBi
Horiz. Beam Width
55
55
Degrees
Vert. Beam Width
65
65
Degrees
VSWR
1.5:1
1.5:1
Max Input Power
100
100
Watts
FMANLP1007
DATA SHEET
806-960 / 1710-2500 MHz, 9 dBi Gain, V-pol, Type N
Female
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Frequency coverage for
806 MHz to 2500 MHz
• Very High Gain 9 dBi
Directional Antenna
• Each connector covers wide
band of frequencies
• Easy Install universal
mounting bracket provided
• Weatherproof ABS radome
• Pigtail – 12 inches
• N-Type Female connector
Applications:
• Point-to-point, LPWAN,
LoRA, LTE-M, NB-IoT,
IoT, M2M applications
• 5G / 4G LTE B1 to B11,
B18 to B21, B23, B24, B25
/ 3G / GSM / AWS / WLAN
operation supported
• 5G Bands supported
• DAS (Distributed
Antenna Systems)
• IEEE 802.11a / b /g / n / ac /
ad / ah/ ax Wi-Fi applications
• Public safety, utilities, CCTV
and local radio coverage
• Smart cities expansion for
coverage and IOT / IIOT


Similar Part No. - FMANLP1007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMANLP1003 FAIRVIEW-FMANLP1003 Datasheet
648Kb / 3P
617-960 / 1710-2700 MHz, 10/11 dBi, V-pol, Log Periodic Antenna, N Female Connector
REV 1.0 A
FMANLP1004 FAIRVIEW-FMANLP1004 Datasheet
638Kb / 3P
600-960 / 1710-2700 / 3300-3800 MHz, 7 / 9 / 11, MIMO Log Periodic Antenna, 2 x N Female Connector
REV 1.0 A
FMANLP1005 FAIRVIEW-FMANLP1005 Datasheet
584Kb / 3P
5150-5875 MHz, 15 dBi Gain, HV-pol, Log Periodic Antenna, 2 x N Female
REV 1.0 A
FMANLP1006 FAIRVIEW-FMANLP1006 Datasheet
573Kb / 3P
790-960 / 1710-2170 / 2300-2700 MHz, 11 dBi Gain, V-pol, Type N Female
REV 1.0 A
FMANLP1008 FAIRVIEW-FMANLP1008 Datasheet
596Kb / 3P
1920-2170 MHz, 10 dBi, Gain, V-pol, Type N Female
REV 1.0 A
More results

Similar Description - FMANLP1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51093 PASTERNACK-PE51093 Datasheet
109Kb / 1P
Dual Band ICM Dome Antenna 800-960 & 1710-2500 MHz, 3dBi
PE51096 PASTERNACK-PE51096 Datasheet
77Kb / 1P
Dual Band ICM Dome Antenna 806-960 & 1710-2500 MHz, 3dBi
PE51098 PASTERNACK-PE51098 Datasheet
289Kb / 1P
ICM Dome Antenna 800-960/1710-2500 MHz, 3 dBi
PE51054 PASTERNACK-PE51054 Datasheet
87Kb / 1P
Dual Band Panel Antenna 806-960 & 1710-2500MHz , 7dBi
PE51089 PASTERNACK-PE51089 Datasheet
299Kb / 1P
Mag Mount Antenna 890-960 & 1710-1880 MHz 3.0 dBi
logo
Pulse A Technitrol Comp...
LP800SMA PULSE-LP800SMA Datasheet
476Kb / 2P
LOW PROFILE 806-960 MHz
logo
Pasternack Enterprises,...
PE51OM1032 PASTERNACK-PE51OM1032 Datasheet
551Kb / 4P
698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated Indoor/Outdoor V-pol Omni Antenna, 3-4 dBi, 4.3-10 Female Connector
REV 1.0
PE51OM1033 PASTERNACK-PE51OM1033 Datasheet
352Kb / 3P
6 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com