Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMSA110-G20S Datasheet(PDF) 21 Page - STMicroelectronics

Part # IMSA110-G20S
Description  IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSA110-G20S Datasheet(HTML) 21 Page - STMicroelectronics

Back Button IMSA110-G20S Datasheet HTML 17Page - STMicroelectronics IMSA110-G20S Datasheet HTML 18Page - STMicroelectronics IMSA110-G20S Datasheet HTML 19Page - STMicroelectronics IMSA110-G20S Datasheet HTML 20Page - STMicroelectronics IMSA110-G20S Datasheet HTML 21Page - STMicroelectronics IMSA110-G20S Datasheet HTML 22Page - STMicroelectronics IMSA110-G20S Datasheet HTML 23Page - STMicroelectronics IMSA110-G20S Datasheet HTML 24Page - STMicroelectronics IMSA110-G20S Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
11. ELECTRICAL SPECIFICATION
11.1 DC electrical characteristics
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min.
Typ.
Max.
Units
Notes (1,2)
VCC
DC supply voltage
0
7.0
V
3
VI, VO
Voltage on any other pin
-1.0
VCC+0.5
V
3
TA
Temperature under bias
-40
85
°C
Tstg
Storage temperature
-65
150
°C
PDmax
Power dissipation
2.0
W
Notes : 1. All voltages are with respect to GND.
2. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Stresses greater than those listed may cause permanent damage to the
device. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
3. This device contains circuitry to protect the inputs against damage caused by high static voltages or electrical fields. However,
it is advised that normal precautions be taken to avoid application of any voltage higher than the absolute maximum rated
voltages to this high impedence circuit. Unused inputs should be tied to an appropriate logic level such as VCC or GND.
DC OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Units
Notes (1)
VCC
Supply Voltage
4.5
5.0
5.5
V
VIH
Input Logic ‘1’ Voltage CLK
Input Logic ‘1’ Voltage other pins
4.0
2.0
VCC+0.5
VCC+0.5
V
V
2
2
VIL
Input Logic ‘0’ Voltage CLK
Input Logic ‘0’ Voltage other pins
-0.5
-0.5
0.5
0.8
V
V
2
2
TA
Ambient Operating Temperature
0
70
°C
3
Notes : 1. All voltages are with respect to GND.
2. Input signal transients, up to 10ns wide, are permitted in the voltage ranges (GND - 0.5V) to (GND - 1.0V)
and VCC + 0.5V to VCC + 1.0V.
3. 400 linear ft/min transverse air flow.
DC CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Units
Notes (1,2)
VOH
Output Logic ‘1’ Voltage
2.4
VCC
V4
VOL
Output Logic ‘0’ Voltage
0
0.4
V
5
IIN
Input leakage current(any input current)
± 10
µA
3
IOZ
Off state output leakage current
± 10
µA
3
IDD
Average power supply current
350
mA
Notes : 1. All voltages are with respect to GND.
2. Parameters measured over full voltage and temperature operating range.
3. VCC = VCC(max), GND
≤ VIN ≤ VCC
4. IOut
≤ -4.4 mA
5. IOut
≤ 4.4 mA
CAPACITANCE
Pin
Min.
Typ.
Max.
Units
Notes
CLK
12
pF
1,2
All other pins
5
pF
1,2
Notes : 1. This parameter is supplied for engineering guidance and is not guaranteed.
2. TA= 25°C , F= 1 MHz.
IMSA110
21/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com