Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QWT34-R5-A-1 Datasheet(PDF) 1 Page - Qualwave Inc. All rights reserved.

Part # QWT34-R5-A-1
Description  Waveguide Calibration Kits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QWT34-R5-A-1 Datasheet(HTML) 1 Page - Qualwave Inc. All rights reserved.

  QWT34-R5-A-1 Datasheet HTML 1Page - Qualwave Inc. All rights reserved. QWT34-R5-A-1 Datasheet HTML 2Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Waveguide Calibration Kits
Qualwave Inc.
+86-34-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.1
1
QWCK-34
WR-34, 21.7~33GHz
Features:
Applications:
* Broad Band
* Calibration
* Low VSWR
* Laboratory Test
Components
Part Number
Frequency VSWR
Description
Material
Finish
Coating
Quantity
(pcs)
Outline
Drawings
(GHz)
(Max.)
QWCA-34-KF-R-1 21.7~33
1.2
Waveguide to coax adapter, WR-34
(BJ260) to 2.92mm(f), right angle,
FBP260
Copper
Pickling
passivation
Black
paint
2
Outline A
QWT34-R5-A-1
21.7~33
1.03
Low power waveguide termination,
WR-34 (BJ260), 0.5W, FBP260
Aluminium
Conductive
oxidation
Sea gray
1
Outline B
QWS34-A-1
21.7~33
-
Waveguide short, WR-34 (BJ260),
3mm, FBP260
Aluminium
-
-
1
Outline D
QWSS34-X-A-1
21.7~33
-
1/4λ Waveguide straight section,
WR-34 (BJ260), Xmm, FBP260
Aluminium
-
-
1
Outline C
Storage Box
Aluminum Alloy
1
-
Screw
1 set
-
Outline Drawings
Unit: mm [in]
Tolerance: ±0.5mm [±0.02in]


Similar Part No. - QWT34-R5-A-1

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QWT34-15 QUALWAVE-QWT34-15 Datasheet
148Kb / 1P
Low Power Waveguide Termination
Rev 1.2
QWT34-2K5 QUALWAVE-QWT34-2K5 Datasheet
170Kb / 1P
High Power Waveguide Termination
Rev 1.1
QWT34-K1 QUALWAVE-QWT34-K1 Datasheet
195Kb / 1P
Medium Power Waveguide Termination
Rev 1.1
QWT34-K5 QUALWAVE-QWT34-K5 Datasheet
178Kb / 1P
Medium Power Waveguide Termination
Rev 1.1
More results

Similar Description - QWT34-R5-A-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
Evaluation Kits
Rev 0; 7/04
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
Evaluation Kits
Rev 2; 5/01
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
Evaluation Kits
Rev 1; 5/01
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
Evaluation Kits
Rev 2; 1/98
logo
National Instruments Co...
777608-02 NI-777608-02 Datasheet
1Mb / 5P
Calibration
logo
Coilcraft lnc.
C422 COILCRAFT-C422 Datasheet
237Kb / 4P
Designers Kits
C349 COILCRAFT-C349 Datasheet
237Kb / 4P
Designers Kits
logo
celduc-relais
1LK00100 CELDUC-1LK00100 Datasheet
239Kb / 1P
MOUNTING KITS
logo
VIA Technologies, Inc.
ENT-610M VIA-ENT-610M Datasheet
438Kb / 2P
Starter Kits
logo
Maxim Integrated Produc...
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
Evaluation Kits
Rev 4; 3/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com