Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LLCC68 Datasheet(PDF) 85 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 85 Page - Semtech Corporation

Back Button LLCC68_V01 Datasheet HTML 81Page - Semtech Corporation LLCC68_V01 Datasheet HTML 82Page - Semtech Corporation LLCC68_V01 Datasheet HTML 83Page - Semtech Corporation LLCC68_V01 Datasheet HTML 84Page - Semtech Corporation LLCC68_V01 Datasheet HTML 85Page - Semtech Corporation LLCC68_V01 Datasheet HTML 86Page - Semtech Corporation LLCC68_V01 Datasheet HTML 87Page - Semtech Corporation LLCC68_V01 Datasheet HTML 88Page - Semtech Corporation LLCC68_V01 Datasheet HTML 89Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
85 of 111
Semtech
LLCC68
www.semtech.com
Table 13-45: GFSK ModParam5 - Bandwidth
Bandwidth
Description
0x1F
RX_BW_4800 (4.8kHz DSB)
0x17
RX_BW_5800 (5.8kHz DSB)
0x0F
RX_BW_7300 (7.3kHz DSB)
0x1E
RX_BW_9700 (9.7kHz DSB)
0x16
RX_BW_11700 (11.7kHz DSB)
0x0E
RX_BW_14600 (14.6kHz DSB)
0x1D
RX_BW_19500 (19.5kHz DSB)
0x15
RX_BW_23400 (23.4kHz DSB)
0x0D
RX_BW_29300 (29.3kHz DSB)
0x1C
RX_BW_39000 (39kHz DSB)
0x14
RX_BW_46900 (46.9kHz DSB)
0x0C
RX_BW_58600 (58.6kHz DSB)
0x1B
RX_BW_78200 (78.2kHz DSB)
0x13
RX_BW_93800 (93.8kHz DSB)
0x0B
RX_BW_117300 (117.3kHz DSB)
0x1A
RX_BW_156200 (156.2kHz DSB)
0x12
RX_BW_187200 (187.2kHz DSB)
0x0A
RX_BW_234300 (232.3kHz DSB)
0x19
RX_BW_312000 (312kHz DSB)
0x11
RX_BW_373600 (373.6kHz DSB)
0x09
RX_BW_467000 (467kHz DSB)
Table 13-46: GFSK ModParam6, ModParam7 & ModParam8 - Fdev
Fdev(23:0)
Description
0x000000 to 0xFFFFFF
Fdev = (Frequency Deviation * 2^25) / Fxtal
Frequencydeviation
Fdev*FXTAL
25
2
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com