Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPQ2166B Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ2166B
Description  6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2166B Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ2166B Datasheet HTML 17Page - Monolithic Power Systems MPQ2166B Datasheet HTML 18Page - Monolithic Power Systems MPQ2166B Datasheet HTML 19Page - Monolithic Power Systems MPQ2166B Datasheet HTML 20Page - Monolithic Power Systems MPQ2166B Datasheet HTML 21Page - Monolithic Power Systems MPQ2166B Datasheet HTML 22Page - Monolithic Power Systems MPQ2166B Datasheet HTML 23Page - Monolithic Power Systems MPQ2166B Datasheet HTML 24Page - Monolithic Power Systems MPQ2166B Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
MPQ2166B
– 6V, DUAL 2A/2A OR 3A/1A SYNC BUCK REGULATOR, AEC-Q100
MPQ2166B Rev. 1.0
MonolithicPower.com
21
1/18/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets VOUT. The
feedback resistor (R1) also sets the feedback
(FB)
loop
bandwidth
with
the
internal
compensation. Figure 5 shows the feedback
network.
FB
VOUT
R1
R2
C1
Figure 5: Feedback Network
If R1 is estimated to be 10
0kΩ, R2 can then be
calculated using Equation (2):
OUT
R1
R2
V
1
0.6V
=
−
(2)
Table 2 lists the recommended feedback resistor
values for common output voltages.
Table 2: Resistor Selection vs. Output Voltage
Setting
VOUT (V)
R1
(kΩ)
R2
(kΩ)
C1 (pF)
1.2
100
100
22
1.5
100
66.5
22
1.8
100
49.9
22
2.5
100
31.6
22
3.3
100
22.1
22
Selecting the Inductor
It is recommended to use an inductor with a DC
current rating at least 25% greater than the
maximum load current for most applications. For
the best efficiency, the inductor DC resistance
should be below
20mΩ. For most designs, the
inductance can be estimated with Equation (3):
SW
L
IN
OUT
IN
OUT
f
I
V
)
V
-
(V
V
L
=
(3)
Where
ΔIL is inductor ripple current.
Choose
ΔIL to be approximately 30% of the
maximum load current. The maximum inductor
peak current (IL(MAX)) can be calculated using
Equation (4):
L
L(MAX)
LOAD
I
II
2
=+
(4)
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input and the switching noise
from the device. The input capacitor impedance
at fSW should be below the input source
impedance to prevent high-frequency switching
current from passing to the input source.
Ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low
ESR and small temperature coefficients. For
most applications, a 22µF capacitor is sufficient.
Selecting the Output Capacitor
The output capacitor (CO) keeps the output
voltage ripple small and ensures a stable
regulation loop. The CO impedance should be
low at fSW. It is recommended to use ceramic
capacitors with X5R or X7R dielectrics. If an
electrolytic capacitor is used, pay close attention
to the output ripple voltage, extra heating, and
the selection of the upper feedback resistor due
to the large ESR of electrolytic capacitors (see
the Setting the Output Voltage section above).
The output ripple (
∆VOUT) can be estimated using
Equation (5):
(
)
OUT
IN
OUT
OUT
IN
SW
SW
O
V
V
V
1
V
(ESR
)
V
L f
8 f
C
−
=
+
 
(5)
Power Dissipation
IC power dissipation is important in circuit
design, not only because of efficiency concerns,
but also because of the chip’s thermal
requirements. Several parameters influence
power dissipation, such as conduction loss
(PCOND), dead time (DT), switching loss (PSW),
MOSFET driver current (PDR), and supply current
(PS).
Based on these parameters, the power loss
(PLOSS) can be calculated using Equation (6):
LOSS
COND
DT
SW
DR
S
P
P
P
P
P
P
=
+
+
+
+
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com