Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT6390 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT6390
Description  1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6390 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT6390 Datasheet HTML 3Page - Active-Semi, Inc ACT6390 Datasheet HTML 4Page - Active-Semi, Inc ACT6390 Datasheet HTML 5Page - Active-Semi, Inc ACT6390 Datasheet HTML 6Page - Active-Semi, Inc ACT6390 Datasheet HTML 7Page - Active-Semi, Inc ACT6390 Datasheet HTML 8Page - Active-Semi, Inc ACT6390 Datasheet HTML 9Page - Active-Semi, Inc ACT6390 Datasheet HTML 10Page - Active-Semi, Inc ACT6390 Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ACT6390/ACT6391
Rev PrA, 01-Sep-07
Innovative Products. Active Solutions.
- 8 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
fZ(ESR) < fC
Choose CCOMP2 = 82pF
Rectifier Selection
For optimal performance, the rectifier should be a
Schottky rectifier that is rated to handle both the
output voltage as well as the peak switch current.
Over Voltage Protection
The ACT6390 and ACT6391 both feature internal
automatic over-voltage protection (OVP). Once the
outputs achieve regulation, if the voltage at FB falls
below 0.125V the controller will automatically dis-
able and latch off, preventing the controller from
running open-loop and potentially damaging the IC
and load.
To re-enable the converters, simply cycle the EN
pin or remove and reapply power to the input.
Shutdown
Drive EN low to disable the IC and reduce the sup-
ply current to just 0.1µA. As with all non-
synchronous step-up DC/DC converters, the exter-
nal Schottky diode provides a DC path from the in-
put to the output in shutdown. As a result, the out-
put drops to one diode voltage drop below the input
in shutdown.
Thermal Shutdown
The ACT6390 and ACT6391 both feature integrated
thermal overload protection. Both devices are auto-
matically disabled when their junction temperatures
exceed 160°C, and automatically re-enable when
the die temperature decreases by 20°C.
pF
8
.
70
Ω
k
233
F
μ
33
Ω
5
.
0
R
C
R
C
COMP
OUT
ESR
2
COMP
kHz
64
.
9
Ω
5
.
0
F
μ
33
π
2
1
f
ESR
Z
(31)
(32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com