Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

13708 Datasheet(PDF) 4 Page - Pro-Power

Part # 13708
Description  2:1 Normal Wall Heatshrink Tubing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

13708 Datasheet(HTML) 4 Page - Pro-Power

  13708 Datasheet HTML 1Page - Pro-Power 13708 Datasheet HTML 2Page - Pro-Power 13708 Datasheet HTML 3Page - Pro-Power 13708 Datasheet HTML 4Page - Pro-Power 13708 Datasheet HTML 5Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page <4>
V1.1
09/03/20
2:1 Normal Wall Heatshrink Tubing
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Description
Reel
Length
Part
Number
Heatshrink Tubing Normal Wall 2:1, Black, 38.1mm
1.2m
PP002718
Heatshrink Tubing Normal Wall 2:1, Black, 50.8mm
1.2m
PP002719
Heatshrink Tubing Normal Wall 2:1, Clear, 1.2mm
1.2m
PP002720
Heatshrink Tubing Normal Wall 2:1, Clear, 1.6mm
1.2m
PP002721
Heatshrink Tubing Normal Wall 2:1, Clear, 2.4mm
1.2m
PP002722
Heatshrink Tubing Normal Wall 2:1, Clear, 3.2mm
1.2m
PP002723
Heatshrink Tubing Normal Wall 2:1, Clear, 4.8mm
1.2m
PP002724
Heatshrink Tubing Normal Wall 2:1, Clear, 6.4mm
1.2m
PP002725
Heatshrink Tubing Normal Wall 2:1, Clear, 9.5mm
1.2m
PP002726
Heatshrink Tubing Normal Wall 2:1, Clear, 12.7mm
1.2m
PP002727
Heatshrink Tubing Normal Wall 2:1, Clear, 19mm
1.2m
PP002728
Heatshrink Tubing Normal Wall 2:1, Clear, 25.4mm
1.2m
PP002729
Heatshrink Tubing Normal Wall 2:1, Clear, 38.1mm
1.2m
PP002730
Heatshrink Tubing Normal Wall 2:1, Clear, 50.8mm
1.2m
PP002731
Heatshrink Tubing Normal Wall 2:1, Red, 1.2mm
1.2m
PP002732
Heatshrink Tubing Normal Wall 2:1, Red, 1.6mm
1.2m
PP002733
Heatshrink Tubing Normal Wall 2:1, Red, 2.4mm
1.2m
PP002734
Heatshrink Tubing Normal Wall 2:1, Red, 3.2mm
1.2m
PP002735
Heatshrink Tubing Normal Wall 2:1, Red, 4.8mm
1.2m
PP002736
Heatshrink Tubing Normal Wall 2:1, Red, 6.4mm
1.2m
PP002737
Heatshrink Tubing Normal Wall 2:1, Red, 9.5mm
1.2m
PP002738
Heatshrink Tubing Normal Wall 2:1, Red, 12.7mm
1.2m
PP002739
Heatshrink Tubing Normal Wall 2:1, Red, 19mm
1.2m
PP002740
Heatshrink Tubing Normal Wall 2:1, Red, 25.4mm
1.2m
PP002741
Heatshrink Tubing Normal Wall 2:1, Red, 38.1mm
1.2m
PP002742
Heatshrink Tubing Normal Wall 2:1, Red, 50.8mm
1.2m
PP002743
Heatshrink Tubing Normal Wall 2:1, Yellow, 1.2mm
1.2m
PP002744
Heatshrink Tubing Normal Wall 2:1, Yellow, 1.6mm
1.2m
PP002745
Heatshrink Tubing Normal Wall 2:1, Yellow, 2.4mm
1.2m
PP002746
Heatshrink Tubing Normal Wall 2:1, Yellow, 3.2mm
1.2m
PP002747
Heatshrink Tubing Normal Wall 2:1, Yellow, 4.8mm
1.2m
PP002748
Heatshrink Tubing Normal Wall 2:1, Yellow, 6.4mm
1.2m
PP002749
Heatshrink Tubing Normal Wall 2:1, Yellow, 9.5mm
1.2m
PP002750
Heatshrink Tubing Normal Wall 2:1, Yellow, 12.7mm
1.2m
PP002751
Heatshrink Tubing Normal Wall 2:1, Yellow, 19mm
1.2m
PP002752
Heatshrink Tubing Normal Wall 2:1, Yellow, 25.4mm
1.2m
PP002753
Heatshrink Tubing Normal Wall 2:1, Yellow, 38.1mm
1.2m
PP002754
Heatshrink Tubing Normal Wall 2:1, Yellow, 50.8mm
1.2m
PP002755
Heatshrink Tubing Normal Wall 2:1, White, 1.2mm
1.2m
PP002756
Heatshrink Tubing Normal Wall 2:1, White, 1.6mm
1.2m
PP002757
Heatshrink Tubing Normal Wall 2:1, White, 2.4mm
1.2m
PP002758
Heatshrink Tubing Normal Wall 2:1, White, 3.2mm
1.2m
PP002759
Description
Reel
Length
Part
Number
Heatshrink Tubing Normal Wall 2:1, White, 4.8mm
1.2m
PP002760
Heatshrink Tubing Normal Wall 2:1, White, 6.4mm
1.2m
PP002761
Heatshrink Tubing Normal Wall 2:1, White, 9.5mm
1.2m
PP002762
Heatshrink Tubing Normal Wall 2:1, White, 12.7mm
1.2m
PP002763
Heatshrink Tubing Normal Wall 2:1, White, 19mm
1.2m
PP002764
Heatshrink Tubing Normal Wall 2:1, White, 25.4mm
1.2m
PP002765
Heatshrink Tubing Normal Wall 2:1, White, 38.1mm
1.2m
PP002766
Heatshrink Tubing Normal Wall 2:1, White, 50.8mm
1.2m
PP002767
Heatshrink Tubing Normal Wall 2:1, Blue, 1.2mm
1.2m
PP002768
Heatshrink Tubing Normal Wall 2:1, Blue, 1.6mm
1.2m
PP002769
Heatshrink Tubing Normal Wall 2:1, Blue, 2.4mm
1.2m
PP002770
Heatshrink Tubing Normal Wall 2:1, Blue, 3.2mm
1.2m
PP002771
Heatshrink Tubing Normal Wall 2:1, Blue, 4.8mm
1.2m
PP002772
Heatshrink Tubing Normal Wall 2:1, Blue, 6.4mm
1.2m
PP002773
Heatshrink Tubing Normal Wall 2:1, Blue, 9.5mm
1.2m
PP002774
Heatshrink Tubing Normal Wall 2:1, Blue, 12.7mm
1.2m
PP002775
Heatshrink Tubing Normal Wall 2:1, Blue, 19mm
1.2m
PP002776
Heatshrink Tubing Normal Wall 2:1, Blue, 25.4mm
1.2m
PP002777
Heatshrink Tubing Normal Wall 2:1, Blue, 38.1mm
1.2m
PP002778
Heatshrink Tubing Normal Wall 2:1, Blue, 50.8mm
1.2m
PP002779
Heatshrink Tubing Normal Wall 2:1, Brown, 1.2mm
1.2m
PP002780
Heatshrink Tubing Normal Wall 2:1, Brown, 1.6mm
1.2m
PP002781
Heatshrink Tubing Normal Wall 2:1, Brown, 2.4mm
1.2m
PP002782
Heatshrink Tubing Normal Wall 2:1, Brown, 3.2mm
1.2m
PP002783
Heatshrink Tubing Normal Wall 2:1, Brown, 4.8mm
1.2m
PP002784
Heatshrink Tubing Normal Wall 2:1, Brown, 6.4mm
1.2m
PP002785
Heatshrink Tubing Normal Wall 2:1, Brown, 9.5mm
1.2m
PP002786
Heatshrink Tubing Normal Wall 2:1, Brown, 12.7mm
1.2m
PP002787
Heatshrink Tubing Normal Wall 2:1, Brown, 19mm
1.2m
PP002788
Heatshrink Tubing Normal Wall 2:1, Brown, 25.4mm
1.2m
PP002789
Heatshrink Tubing Normal Wall 2:1, Brown, 38.1mm
1.2m
PP002790
Heatshrink Tubing Normal Wall 2:1, Brown, 50.8mm
1.2m
PP002791
Heatshrink Tubing Normal Wall 2:1, Green, 1.2mm
1.2m
PP002792
Heatshrink Tubing Normal Wall 2:1, Green, 1.6mm
1.2m
PP002793
Heatshrink Tubing Normal Wall 2:1, Green, 2.4mm
1.2m
PP002794
Heatshrink Tubing Normal Wall 2:1, Green, 3.2mm
1.2m
PP002795
Heatshrink Tubing Normal Wall 2:1, Green, 4.8mm
1.2m
PP002796
Heatshrink Tubing Normal Wall 2:1, Green, 6.4mm
1.2m
PP002797
Heatshrink Tubing Normal Wall 2:1, Green, 9.5mm
1.2m
PP002798
Heatshrink Tubing Normal Wall 2:1, Green, 12.7mm
1.2m
PP002799
Heatshrink Tubing Normal Wall 2:1, Green, 19mm
1.2m
PP002800
Heatshrink Tubing Normal Wall 2:1, Green, 25.4mm
1.2m
PP002801



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com