Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PV10F2T0SS254 Datasheet(PDF) 2 Page - E-SWITCH

Part # PV10F2T0SS254
Description  PV10 Series Anti-vandal Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PV10F2T0SS254 Datasheet(HTML) 2 Page - E-SWITCH

  PV10F2T0SS254 Datasheet HTML 1Page - E-SWITCH PV10F2T0SS254 Datasheet HTML 2Page - E-SWITCH PV10F2T0SS254 Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.e-switch.com
800.867.2717
2
PV10 Series Anti-vandal Switch
Body Dimensions
Latching Switch Dimensions
Momentary Switch Dimensions
SHEET OF
1
2
PV10 Catalog Drawing 8/14/2018
RING ILLUMINATION
SHOWN
46.00
[1.811 in]
M40 x 1.5
THREAD
.50
[.020 in]
2.00
[.079 in]
14.2
[.56 in]
2.80
[.110 in]
12.3
[.484 in]
6.0
[.236 in]
OPTIONAL
ILLUMINATION
TERMINALS
SHOWN
40.3
[1.59 in]
41.1
[1.62 in]
2.80
[.110 in]
.50
[.020 in]
13.6
[.535 in]
7.0
[.276 in]
DPDT LATCHING (U)
MAINTAINED (LATCHING)
FUNCTION "T" and "U"
SPDT LATCHING (T)
M40 x 1.5
THREAD
2.00
[.079 in]
14.2
[.56 in]
12.3
[.484 in]
.50
[.020 in]
6.0
[.236 in]
DOT ILLUMINATION
SHOWN
46.00
[1.811 in]
OPTIONAL
ILLUMINATION
TERMINALS
SHOWN
2.80
[.110 in]
13.6
[.535 in]
7.0
[.276 in]
.50
[.020 in]
40.3
[1.59 in]
41.1
[1.62 in]
DPDT MOMENTARY (V)
SPDT MOMENTARY (Y)
2.80
[.110 in]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com