Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV-25V331MH10EXN-R2 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # HV-25V331MH10EXN-R2
Description  Conductive Polymer Hybrid Aluminum Electrolytic Capacitors[HV1] for Automotive Body & Chassis and Infotainment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HV-25V331MH10EXN-R2 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  HV-25V331MH10EXN-R2 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HV-25V331MH10EXN-R2 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Data at any time without notice.
Before making final selection, please check product specification.
https://www.yuden.co.jp/en/
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors[HV1] for Automotive Body & Chassis and Infotainment
RCHV1331M1TFH0002EX (Previous PN: HV-25V331MH10EXN-R2)
Features
Item Summary
330uF±20%, 25V, φ10x10mm, SMD
Lifecycle Stage
Mass Production (Preferred)
AEC-Q200 qualified
Standard packaging quantity (minimum)
Embossed taping 500 pcs
Products characteristics table
Operating Temp. Range
-55 to +105 ℃
Rated Voltage
25 V
Rated Capacitance
330 uF
Tolerance at rated capacitance
± 20 %
Leakage current (max)
83 uA at 2 min
Tangent of loss angle (tanδ) (max)
0.14
ESR (max)
20 mΩ at 100kHz / 20 ℃
Rated Ripple (max)
2500 mArms at 100kHz / 105 ℃
Impedance ratio___[-25℃/+20℃]
1.5
Impedance ratio___[-55℃/+20℃]
2
Endurance (Applied ripple current)
10000 hours at 105 ℃
___[Test time]
Endurance___[Leakage current]
The initial specified value or less
Endurance___[Capacitance change]
Within ±30% of initial value
Endurance___[tanδchange]
200% or less of the initial specified value
Endurance___[ESR change]
200% or less of the initial specified value
Shelf life___Test time
1000 hours at 105℃
; Other items are same as the endurance. How
ever, the performance shall be after voltage app
lication treatment (JIS C5101-4).
RoHS Compliance (10 subst.)
Yes
REACH Compliance (251 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension φD
φ10 ±0.5 mm
Dimension L
10 ±0.5 mm
Dimension A
10.4 ±0.2 mm
Dimension B
10.4 ±0.2 mm
Dimension (C)
3.3 mm
Dimension (P)
4.7 mm
Dimension W
0.7 to 1.1 mm
Dimension M
0.4 ±0.3 mm
2025.12.15
1 / 1


Similar Part No. - HV-25V331MH10EXN-R2

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HV-25V331MH10EX-R2 TAIYO-YUDEN-HV-25V331MH10EX-R2 Datasheet
289Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors[HV1] for General Electronic Equipment
More results

Similar Description - HV-25V331MH10EXN-R2

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RCHV1221M1JDC8002 TAIYO-YUDEN-RCHV1221M1JDC8002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHV1221M1TEH0002 TAIYO-YUDEN-RCHV1221M1TEH0002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHV1271M1EEH0002 TAIYO-YUDEN-RCHV1271M1EEH0002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHV1271M1GFH0002X TAIYO-YUDEN-RCHV1271M1GFH0002X Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHV1271M1TFF7002 TAIYO-YUDEN-RCHV1271M1TFF7002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHV1331M1TFH0002X TAIYO-YUDEN-RCHV1331M1TFH0002X Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHV1470M1ECC8002 TAIYO-YUDEN-RCHV1470M1ECC8002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHV1470M4EFF7002 TAIYO-YUDEN-RCHV1470M4EFF7002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHV1560M1TDC8002 TAIYO-YUDEN-RCHV1560M1TDC8002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHV1561M1TFK5002X TAIYO-YUDEN-RCHV1561M1TFK5002X Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com