Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISB35208 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ISB35208
Description  HCMOS STRUCTURED ARRAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISB35208 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ISB35208 Datasheet HTML 7Page - STMicroelectronics ISB35208 Datasheet HTML 8Page - STMicroelectronics ISB35208 Datasheet HTML 9Page - STMicroelectronics ISB35208 Datasheet HTML 10Page - STMicroelectronics ISB35208 Datasheet HTML 11Page - STMicroelectronics ISB35208 Datasheet HTML 12Page - STMicroelectronics ISB35208 Datasheet HTML 13Page - STMicroelectronics ISB35208 Datasheet HTML 14Page - STMicroelectronics ISB35208 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Notes
IIL
Low Level Input Current
VI =Vss
+/-10
uA
2
IIH
High Level Input Current
VI = Vdd
+/-10
uA
2
IOZ
Tri-State Output Leakage
VO = 0V or Vdd
+/-10
uA
2
CIN
Input Capacitance
Freq=1MHz
2.0
4.0
pF
3,4
CO
Output Capacitance
Freq=1MHz
4.0
pF
3,4
CIO
Bidi, I/O Capacitance
Freq=1MHz
0.9
1.1
Volts
3,4
IKLU
I/O Latch Up Current
V<VSS, V>VDD
200
500
mA
VESD
Electrostatic Protection
HBM
2000
4000
V
5
Note 1. These are extended voltage and temperature specifications
VDD from 2.7 V to 3.6 V
Temperature Ambient from -55 to 125 degrees Centigrade
Note 2. Adherence to rules in Power Pin / Pad Specifications Required
Note 3. Excluding Package
Note 4. At 0.0 Volts
Note 5. Human Body Model
Table 11. General Interface DC Electrical Characteristics (Note 1)
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no
responsability for the consequences of use of such information nor for any infringement of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights
of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice.
This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or
systems without the express written approval of SGS-THOMSON Microelectronics.
© 1994 SGS-THOMSON Microelectronics - All rights reserved.
Purchase of I
2C Components by SGS-THOMSON Microelectronics conveys a license under the Philips I2C Patent.
Rights to use these components in an I
2C system is granted provided that the system conforms to the I2C Standard
Specification as defined by Philips.
SGS-THOMSON Microelectronics Group of Companies
Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
ISB35000 SERIES
15/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com