Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLX90614ESF-DBB Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX90614ESF-DBB
Description  Single and Dual Zone Infra Red Thermometer in TO-39
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90614ESF-DBB Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90614ESF-DBB Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90614ESF-DBB Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90614ESF-DBB Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90614ESF-DBB Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90614ESF-DBB Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90614ESF-DBB Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90614ESF-DBB Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90614ESF-DBB Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90614ESF-DBB Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 2 of 40
Data Sheet
Rev 003
03/Oct/2007
General description (continued)
The MLX90614 is built from 2 chips developed and manufactured by Melexis:
•
The Infra Red thermopile detector MLX81101
•
The signal conditioning ASSP MLX90302, specially designed to process the output of IR sensor.
The device is available in an industry standard TO-39 package.
Thanks to the low noise amplifier, high resolution 17-bit ADC and powerful DSP unit of MLX90302 high
accuracy and resolution of the thermometer is achieved. The calculated object and ambient temperatures are
available in RAM of MLX90302 with resolution of 0.01 ˚C. They are accessible by 2 wire serial SMBus
compatible protocol (0.02°C resolution) or via 10-bit PWM (Pulse Width Modulated) output of the device.
The MLX90614 is factory calibrated in wide temperature ranges: -40 to 125 ˚C for the ambient temperature
and -70 to 382.2 ˚C for the object temperature. The 10-bit PWM is as a standard configured to transmit
continuously the measured object temperature for an object temperature range of -20 to 120 ˚C with an
output resolution of 0.14 ˚C. The PWM can be easily customized for virtually any range desired by the
customer by changing the content of 2 EEPROM cells. This has no effect on the factory calibration of the
device.
The PWM pin can also be configured to act as a thermal relay (input is To), thus allowing for an easy and
cost effective implementation in thermostats or temperature (freezing/boiling) alert applications. The
temperature threshold is user programmable. In an SMBus system this feature can act as a processor
interrupt that can trigger reading all slaves on the bus and to determine the precise condition.
As a standard, the MLX90614 is calibrated for an object emissivity of 1. It can be easily customized by the
customer for any other emissivity in the range 0.1-1.0 without the need of recalibration with a black body.
The thermometer is available in 2 supply voltage options: 5V compatible or 3V (battery) compatible. The 5V
can be easily adopted to operate from a higher supply voltage (8-16V, for example) by use of few external
components (refer to “Applications information” section for details).
An optical filter (long-wave pass) that cuts off the visible and near infra-red radiant flux is integrated in the
package to provide sunlight immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com