Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMS0102-HF Datasheet(PDF) 6 Page - Comchip Technology

Part # CMS0102-HF
Description  MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CMS0102-HF Datasheet(HTML) 6 Page - Comchip Technology

  CMS0102-HF Datasheet HTML 1Page - Comchip Technology CMS0102-HF Datasheet HTML 2Page - Comchip Technology CMS0102-HF Datasheet HTML 3Page - Comchip Technology CMS0102-HF Datasheet HTML 4Page - Comchip Technology CMS0102-HF Datasheet HTML 5Page - Comchip Technology CMS0102-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MOSFET
Suggested P.C.B. PAD Layout
A
C
B
D
E
SIZE
(inch)
0.031
(mm)
0.80
1.90
2.02
0.075
0.080
SOT-23
2.82
0.111
A
B
C
D
0.60
0.024
E
Marking Code
Part Number
CMS0102-HF
Marking Code
0102
Standard Packaging
Case Type
SOT-23
REEL
(pcs)
Reel Size
(inch)
7
3,000
REEL PACK
Comchip Technology CO., LTD.
Page 6
REV:C
SP-JTR29
X / XX = Control code
0102 X
0102 XX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com