Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2DA86HF Datasheet(PDF) 5 Page - nVent Electric plc

Part # P2DA86HF
Description  Side Door Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2DA86HF Datasheet(HTML) 5 Page - nVent Electric plc

  P2DA86HF Datasheet HTML 1Page - nVent Electric plc P2DA86HF Datasheet HTML 2Page - nVent Electric plc P2DA86HF Datasheet HTML 3Page - nVent Electric plc P2DA86HF Datasheet HTML 4Page - nVent Electric plc P2DA86HF Datasheet HTML 5Page - nVent Electric plc P2DA86HF Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PROLINE G2 ExtERNaL COmPONENts Door Accessories
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
mOduLaR ENCLOsuRE sOLutIONs
5
Spec-01190 B
PROLINE GROuNdING KIt
The Grounding Kit allows a PROLINE
or PROLINE G2 enclosure to be
grounded to VDE specifications.
Includes six 12-gauge wires 411 mm
(16.19) long with ring terminations
and M6 mounting hardware.
Bulletin: p20
Catalog Number
Wire
Size
Length Between
Ring Terminals
mm/in.
Ring Terminal
Hole Diameter
mm/in.
PGK
12 ga.
411
16.19
7
.29
mECHaNICaL INtERLOCK
mechanical Interlock
The PROLINE and PROLINE G2 Mechanical Interlock can be
actuated by any PROLINE or PROLINE G2 solid or disconnect door in
a multiple-bay enclosure system. Up to ten doors, including window
doors, can be interlocked.
The interlock device engages the door at the center to provide
maximum security. The master door can be positioned in any
location. Only after the master door is opened can slave doors be
opened. The interlock system is modular and easy to assemble;
no drilling or layout work is required to install. Brackets, rods and
fasteners are heavy gauge steel. Meets interlocking requirements
established by General Motors, Ford and Chrysler.
Front-to-Back Interlock
The Front-to-Back Interlock is used to interlock the rear doors of
an enclosure in conjunction with a Master Door Actuator Kit and a
Slave Door Kit. When the Master Door Actuator Kit on the front of
the enclosure is activated (by a solid or disconnect master door) and
the Front-to-Back Kit linkage is in place, the pivot bracket is pulled,
which activates the Slave Door Kit to interlock the back doors of the
enclosure with the front doors.
Bulletin: p20
Catalog Number
Description
PMLMAK
Master Door Activator Kit
PMLSK
Door Slave Kit
PMLEK
Extension Kit
PMLFB
Front-to-Back Kit
For Catalog No. PMLMAK, order 1 for master door.
For Catalog No. PMLSK, order 1 for each slave door (wIll accommodate single door, window door and
overlapping door).
tHERmOPLastIC data POCKEt
aPPLICatION
Provides a convenient place to store wiring diagrams, operation
manuals and other documentation inside the enclosure.
sPECIFICatIONs
•
Adhesive-backed pockets mount inside the solid enclosure cover
•
Mounting hardware included
•
Thermoplastic pockets are dark gray and have cut-away areas
for easy inspection of contents
Bulletin: A80Dp
Catalog Number
Description
L
mm/in.
W
mm/in.
ADP1
Small Thermoplastic Data Pocket
152
6.0
152
6.0
ADP2
Large Thermoplastic Data Pocket
305
12.0
305
12.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com