Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C1113/63 Datasheet(PDF) 16 Page - APM Hexseal Corporation All Rights Reserved

Part # C1113/63
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

C1113/63 Datasheet(HTML) 16 Page - APM Hexseal Corporation All Rights Reserved

Back Button C1113/63 Datasheet HTML 12Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 13Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 14Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 15Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 16Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 17Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 18Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 19Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 20Page - APM Hexseal Corporation All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
www.apmhexseal.com
800.498.9034
Bushing Seals for Sealed Switch Panel Mounting Hole
SPECIFICATIONS
Material ........................Stainless steel with bonded silicone rubber
conforms to A-A-59588 GR. 50
(both sides P/N 60064;
one side only P/N 60225)
Temperature Range....-94°F to +400°F (-70°C to +204°C)
Mounting .....................Either Front or Behind Panel
Shelf Life .....................In excess of 25 years
Resistant to.................Salt spray, sunlight, ozone, weather, fungus,
and most acids and lubricating oils
Agency Recognition...UL-Recognized Component to UL Std. 50,
Types 1, 2, 3(R)(S), 4(X), 6, 12 & 13. UL
Recognition also includes compliance with
Canadian National Standards.
HOW TO ORDER
Specify selected APM boot part number shown in chart below.
Protect Against & Prevent Seepage/Leakage Through Switch Panel Cutout
These reusable self-sealing washers are designed for use
with popular sealed switches and circuit breakers. While
such sealed switches are designed to tolerate hostile envi-
ronments (such as salt spray, wash-downs, lubricating fluids,
weather, dust and other contaminants) that may compro-
mise reliable switch operation, they typically do not seal the
panel cutout in which they are mounted. Hence, these same
contaminants may “leak past” the bushing through the panel
cutout causing equipment/system failures.
Designed to prevent such leakage, each is fabricated from
a stainless steel washer with a bonded high-tear strength
silicone rubber sealing ring. The soft resilient ring conforms
to the panel surface to seal out harmful contaminants.
• Seals the panel cutout in which the circuit breaker is
mounted, protecting behind-panel components from
dirt/moisture. No O-ring required.
• Reusable in the event the switch or circuit breaker fails
and replacement is needed.
• Easy to install without the need for special tools, sealing
compounds, sealing tapes, et al.
• Does not compromise switch or circuit breaker performance.
• Meets stringent Military, UL and Canadian National
Standards regarding environmental requirements for
electrical enclosures.
• UL Recognized for Type 4X & Type 6 enclosure protection.
• Meets IEC IP66/68 enclosure protection
Note: Where the possibility of build up of ice, dirt or
other contaminants can accumulate in the toggle breaker
external actuating mechanism, we recommend using a full
or half silicone sealing boot which will protect the actuator
mechanism and keep it operating smoothly, and its perimeter
seal will protect the mounting hole from potential seepage.
See
enlargement
below
APM
Part
Number
60064
60225
15/32-32
Gray
0.120"
0.105"
0.677"
0.660"
Meets
MIL-DTL-5423/16-01,
MS25196,
UL & ULC
Recognized
Compatible
Switch
Bushing
Washer
Diameter
Washer
Thickness
Color
Conforms to*
Visit our website for dimensional drawings
and to download CAD drawings.
60064
60225
RoHS
Compliant
*APM’s policy is to manufacture our HEXSEAL® sealing boots as defined by the requirements of MIL-Spec
MIL-DTL-5423 which we regard as the standard for the switch, circuit breaker and potentiometer industry.
These requirements were formulated based on our original patent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com