Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ND150D-SM02-R Datasheet(PDF) 6 Page - Superior Sensors Technology.

Part # ND150D-SM02-R
Description  Differential Middle Pressure Sensors Industrial Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

ND150D-SM02-R Datasheet(HTML) 6 Page - Superior Sensors Technology.

Back Button ND150D-SM02-R Datasheet HTML 2Page - Superior Sensors Technology. ND150D-SM02-R Datasheet HTML 3Page - Superior Sensors Technology. ND150D-SM02-R Datasheet HTML 4Page - Superior Sensors Technology. ND150D-SM02-R Datasheet HTML 5Page - Superior Sensors Technology. ND150D-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. ND150D-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. ND150D-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. ND150D-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. ND150D-SM02-R Datasheet HTML 10Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ND Series
Industrial Middle Pressure Sensors
www.SuperiorSensors.com
6
7.5 SPI Characteristics
Parameter
Sym
Condition
All Series Devices
Units
Notes
Min
Typ
Max
Output High Voltage
VOH
IO = -3 mA
VDD-0.7
-
-
V
1
Output Low Voltage
VOL
IO = 8 mA
-
-
0.6
V
1
Input High Voltage
VIH
VDD-0.6
-
-
2, 3
Input Low Voltage
VIL
-
-
0.6
2, 3
Internal Pull-Up
Current
IPU
VIN = 0V
-
-10
-30
uA
2, 3
Time nSS to First
SCK Edge
tSC
100
-
-
us
Clock Cycle Time
tCC
6
-
-
us
Byte to Byte Cycle
Time
tBC
100
-
-
us
Time Last Clock to
nSS High
tCN
20
-
-
us
Cycle Time nSS
tCS
6
-
-
us
Input Capacitance
CIN
-
7
-
pF
2
1) Output MOSI
2) Inputs MISO, SCK, nSS
3) Inputs are 5V compliant.
8 Materials
8.1 Wetted Materials
Parameter
Sym
All Series Devices
Units
Notes
PA
PB
Wetted Materials
MATWET
Epoxy
Nylon
RTV
Silicon
Epoxy
Nylon
RTV
Silicon
Gold
Sil-Gel
8.2 Material Compliance
Parameter
Sym
All Series Devices
Units
Notes
RoHS
REGRoHS
RoHS Compliant
REACH
REGREAC
REACH Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com