Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L3100B Datasheet(PDF) 5 Page - STMicroelectronics

Part # L3100B
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3100B Datasheet(HTML) 5 Page - STMicroelectronics

  L3100B Datasheet HTML 1Page - STMicroelectronics L3100B Datasheet HTML 2Page - STMicroelectronics L3100B Datasheet HTML 3Page - STMicroelectronics L3100B Datasheet HTML 4Page - STMicroelectronics L3100B Datasheet HTML 5Page - STMicroelectronics L3100B Datasheet HTML 6Page - STMicroelectronics L3100B Datasheet HTML 7Page - STMicroelectronics L3100B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0
10
20
30
40
50
60
I
(A)
TSM
F=50Hz
Tj initial=25
°C
t(s)
Figure 1 : Surge peak current versus overload
duration.
0
10
20
3040506070
0.98
0.99
1.00
1.01
1.02
1.03
1.04
Figure 3 : Relative variation of breakdown voltage
versus ambient temperature.
110
100
0
20
40
60
80
100
Figure 4 : Junction capacitance versus reverse
applied voltage.
0
1020
304050
6070
0.7
0.8
0.9
1.0
1.1
1.2
Figure 2 : Relative variation of holding current
versus junction temperature.
L3100B/L3100B1
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com