Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

327-2X Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # 327-2X
Description  Slotted Bits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

327-2X Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  327-2X Datasheet HTML 1Page - Apex Electronics Co., Ltd 327-2X Datasheet HTML 2Page - Apex Electronics Co., Ltd 327-2X Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
7
Slotted Bits
Part
Screw
Length
Blade Thickness
Blade Width
Number
Size
In.
mm
In.
mm
In.
mm
445-1X
4F-5R
1
25
.034
.86
3/16
4.8
445-2X•
6F-8R
1
25
.040
1.02
7/32
5.6
445-3X•
8F-10R
1
25
.042
1.07
1/4
6.4
445-4X•
10F-12R
1
25
.046
1.17
9/32
7.1
445-1-15X
4F-5R
1 1/2
38
.034
.86
3/16
4.8
445-2-15X•
6F-8R
1 1/2
38
.040
1.02
7/32
5.6
445-3-15X• 8F-10R
1 1/2
38
.042
1.07
1/4
6.4
445-4-15X• 10F-12R
1 1/2
38
.046
1.17
9/32
7.1
445-5X•
12F-14R
1 1/2
38
.050
1.27
5/16
7.9
445-6X•
14F-16R
1 1/2
38
.055
1.40
23/64
9.1
Part
Screw
Length
Blade Thickness
Blade Width
Number
Size
In.
mm
In.
mm
In.
mm
445-000X•
1F-2R
1
25
.021
.53
.125
3.2
445-00X•
2F-3R
1
25
.025
.64
.140
3.6
445-0X•
3F-4R
1
25
.030
.76
.154
3.9
445-10X•
4F-5R
1
25
.034
.86
.185
4.7
445-20X•
5F-6R
1
25
.036
.91
.216
5.5
445-30X•
6F-7R
1
25
.038
.97
.248
6.3
445-00-15X• 2F-3R
1 1/2
38
.028
.71
.138
3.5
445-0-15X
3F-4R
1 1/2
38
.032
.81
.154
3.9
445-10-15X• 4F-5R
1 1/2
38
.034
.86
.185
4.7
445-20-15X
5F-6R
1 1/2
38
.036
.91
.216
5.5
445-30-15X
6F-7R
1 1/2
38
.038
.97
.248
6.3
1/4” Hex Insert Bits
1/4” Hex Insert Bits –
Limited Clearance
5/16” Hex Insert Bits
Part
Screw
Length
Blade Thickness
Blade Width
Number
Size
In.
mm
In.
mm
In.
mm
485-1X•
4F-5R
1 1/2
38
.034
.86
3/16
4.8
485-2X•
6F-8R
1 1/2
38
.040
1.02
7/32
5.6
485-3X•
8F-10R
1 1/2
38
.042
1.07
1/4
6.4
485-4X•
10F-12R
1 1/2
38
.046
1.17
.296
7.52
485-5X•
12F-14R
1 1/2
38
.050
1.27
.328
8.33
485-6X•
14F-16R
1 1/2
38
.055
1.40
.328
8.33
485-7X•
16F-18R
1 3/4
45
.060
1.52
1/2
12.7
1/4” Hex Power Drive
Blade Width/
Part
Screw
Length
Blade Thickness
Body Diameter
Number
Size
In.
mm
In.
mm
In.
mm
320-000X• 1F-2R
1 15/16
49
.022
.56
.122
3.10
326-000X• 1F-2R
2 3/4
70
.022
.56
.122
3.10
323-000X• 1F-2R
3
76
.022
.56
.122
3.10
327-000X• 1F-2R
3 1/2
89
.022
.56
.122
3.10
324-000X• 1F-2R
4
102
.022
.56
.122
3.10
325-000X
1F-2R
5
127
.022
.56
.122
3.10
328-000X• 1F-2R
6
152
.022
.56
.122
3.10
320-00X•
2F-3R
1 15/16
49
.026
.66
.134
3.40
326-00X•
2F-3R
2 3/4
70
.026
.66
.134
3.40
323-00X•
2F-3R
3
76
.026
.66
.134
3.40
327-00X•
2F-3R
3 1/2
89
.026
.66
.134
3.40
324-00X•
2F-3R
4
102
.026
.66
.134
3.40
325-00X
2F-3R
5
127
.026
.66
.134
3.40
328-00X•
2F-3R
6
152
.026
.66
.134
3.40
320-0X•
3F-4R
1 15/16
49
.030
.76
.151
3.84
326-0X•
3F-4R
2 3/4
70
.030
.76
.151
3.84
323-0X•
3F-4R
3
76
.030
.76
.151
3.84
327-0X•
3F-4R
3 1/2
89
.030
.76
.151
3.84
324-0X•
3F-4R
4
102
.030
.76
.151
3.84
325-0X
3F-4R
5
127
.030
.76
.151
3.84
328-0X•
3F-4R
6
152
.030
.76
.151
3.84
320-1X•
4F-5R
1 15/16
49
.034
.86
.187
4.75
326-1X•
4F-5R
2 3/4
70
.034
.86
.187
4.75
323-1X•
4F-5R
3
76
.034
.86
.187
4.75
327-1X•
4F-5R
3 1/2
89
.034
.86
.187
4.75
324-1X•
4F-5R
4
102
.034
.86
.187
4.75
325-1X•
4F-5R
5
127
.034
.86
.187
4.75
328-1X•
4F-5R
6
152
.034
.86
.187
4.75
320-20X•
5F-6R
1 15/16
49
.036
.91
.215
5.46
326-20X•
5F-6R
2 3/4
70
.036
.91
.215
5.46
323-20X•
5F-6R
3
76
.036
.91
.215
5.46
327-20X•
5F-6R
3 1/2
89
.036
.91
.215
5.46
324-20X•
5F-6R
4
102
.036
.91
.215
5.46
325-20X•
5F-6R
5
127
.036
.91
.215
5.46
328-20X•
5F-6R
6
152
.036
.91
.215
5.46
320-2X•
5F-6R
1 15/16
49
.036
.91
.250
6.35
326-2X•
5F-6R
2 3/4
70
.036
.91
.250
6.35
323-2X•
5F-6R
3
76
.036
.91
.250
6.35
327-2X•
5F-6R
3 1/2
89
.036
.91
.250
6.35
324-2X•
5F-6R
4
102
.036
.91
.250
6.35
328-2X•
5F-6R
6
152
.036
.91
.250
6.35
320-3X•
6F-8R
1 15/16
49
.038
.97
.250
6.35
326-3X•
6F-8R
2 3/4
70
.038
.97
.250
6.35
323-3X•
6F-8R
3
76
.038
.97
.250
6.35
327-3X•
6F-8R
3 1/2
89
.038
.97
.250
6.35
324-3X•
6F-8R
4
102
.038
.97
.250
6.35
325-3X•
6F-8R
5
127
.038
.97
.250
6.35
328-3X•
6F-8R
6
152
.038
.97
.250
6.35
320-4X•
8F-10R
1 15/16
49
.042
1.07
.275
6.99
326-4X•
8F-10R
2 3/4
70
.042
1.07
.275
6.99
323-4X•
8F-10R
3
76
.042
1.07
.275
6.99
327-4X•
8F-10R
3 1/2
89
.042
1.07
.275
6.99
324-4X•
8F-10R
4
102
.042
1.07
.275
6.99
325-4X
8F-10R
5
127
.042
1.07
.275
6.99
328-4X•
8F-10R
6
152
.042
1.07
.275
6.99
320-5X•
10F-12R
1 15/16
49
.046
1.17
.312
7.92
326-5X•
10F-12R
2 3/4
70
.046
1.17
.312
7.92
323-5X•
10F-12R
3
76
.046
1.17
.312
7.92
327-5X•
10F-12R
3 1/2
89
.046
1.17
.312
7.92
324-5X
10F-12R
4
102
.046
1.17
.312
7.92
325-5X
10F-12R
5
127
.046
1.17
.312
7.92
328-5X•
10F-12R
6
152
.046
1.17
.312
7.92
320-6X•
12F-14R
1 15/16
49
.050
1.27
.360
9.14
326-6X•
12F-14R
2 3/4
70
.050
1.27
.360
9.14
323-6X•
12F-14R
3
76
.050
1.27
.360
9.14
327-6X•
12F-14R
3 1/2
89
.050
1.27
.360
9.14
324-6X
12F-14R
4
102
.050
1.27
.360
9.14
325-6X
12F-14R
5
127
.050
1.27
.360
9.14
328-6X•
12F-14R
6
152
.050
1.27
.360
9.14
• Indicates a commonly requested item that is either in stock or has a max
typical leadtime of 4 weeks from the factory. No minimum on these items.


Similar Part No. - 327-2X

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-51 MARL-327-000-21-51 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-53 MARL-327-000-21-53 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-54 MARL-327-000-21-54 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-55 MARL-327-000-21-55 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
More results

Similar Description - 327-2X

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIT-5A117 UOT-MIT-5A117 Datasheet
56Kb / 3P
SLOTTED PHOTOINTERRUPTER
logo
Marktech Corporate
MTSS10040 MARKTECH-MTSS10040 Datasheet
98Kb / 3P
SLOTTED SWITCH
MTSS12000 MARKTECH-MTSS12000 Datasheet
107Kb / 4P
SLOTTED SWITCH
MTSS8050 MARKTECH-MTSS8050 Datasheet
127Kb / 3P
SLOTTED SWITCH
MTSS8520 MARKTECH-MTSS8520 Datasheet
116Kb / 3P
SLOTTED SWITCH
logo
OPTEK Technologies
OPB780 OPTEK-OPB780 Datasheet
119Kb / 1P
Slotted Switch
05/05
OPB885Z OPTEK-OPB885Z Datasheet
863Kb / 3P
Slotted Switch
logo
Unity Opto Technology
MIT-5A11B UOT-MIT-5A11B Datasheet
145Kb / 3P
SLOTTED PHOTOINTERRUPTER
logo
List of Unclassifed Man...
74309 ETC2-74309 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
logo
PHOENIX CONTACT
ASD-BIT-0 PHOENIX-ASD-BIT-0 Datasheet
48Kb / 2P
Tool bits for slotted-head screws
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com