| Electronic Components Datasheet Search |
|
U-321X Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
U-321X Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd |
|
2 / 3 page ![]() 8 Slotted Bits Blade Width/ Part Screw Length Blade Thickness Body Diameter Number Size In. mm In. mm In. mm 309-000X 1F-2R 1 1/2 38 .022 .56 .125 3.18 309-00X 2F-3R 1 1/2 38 .026 .66 .140 3.56 309-1X• 4F-5R 1 1/2 38 .034 .86 .187 4.75 309-2X• 5F-6R 1 1/2 38 .036 .91 .225 5.72 309-3X• 6F-7R 1 1/2 38 .038 .97 .250 6.35 309-4X• 7F-8R 1 1/2 38 .040 1.02 .285 7.24 309-5X 8F-10R 1 1/2 38 .042 1.07 .296 7.52 309-6X 10F-12R 1 1/2 38 .046 1.17 .315 8.00 309-8X 14F-16R 1 1/2 38 .055 1.40 .361 9.17 Blade Width/ Part Screw Length Blade Thickness Body Diameter Number Size In. mm In. mm In. mm 103-00X 2F-3R 1 1/2 38 .026 .66 .140 3.56 103-1X 4F-5R 1 1/2 38 .034 .86 .187 4.75 103-2X 5F-6R 1 1/2 38 .036 .91 .225 5.72 103-3X 6F-7R 1 1/2 38 .038 .97 .250 6.35 103-4X 7F-8R 1 1/2 38 .040 1.02 .275 7.24 103-5X 8F-10R 1 1/2 38 .042 1.07 .296 7.52 103-6X 10F-12R 1 1/2 38 .046 1.17 .309 7.85 Blade Width/ Part Screw Length Blade Thickness Body Diameter Number Size In. mm In. mm In. mm 635-6X 10F-12R 2 1/4 57 .046 1.17 .360 9.14 635-7X 12F-14R 2 1/4 57 .050 1.27 .395 10.03 635-8X 14F-16R 2 1/4 57 .055 1.40 .457 11.61 635-9X 16F-20R 2 1/4 57 .060 1.52 .503 12.78 635-10X 20F-22R 2 1/4 57 .062 1.57 .545 13.84 1/4”-24 Screw Shank Drive 5/16” Hex Power Drive 10-32 Screw Shank Drive • Indicates a commonly requested item that is either in stock or has a max typical leadtime of 4 weeks from the factory. No minimum on these items. If the tool you need does not appear in this catalog, give us a call. The odds are, we may have what you need as a non- catalog item. If not, our experienced staff of tooling experts can design and manufacture “specials” to meet the needs of your specific application. Give us a call at 1-800-845-5629 or visit our website www.apex-tools.com. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |