Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GCO106940 Datasheet(PDF) 1 Page - Glamox

Part # GCO106940
Description  GECO-RQ75A WH 900 HF840 SI 36°
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

GCO106940 Datasheet(HTML) 1 Page - Glamox

  GCO106940 Datasheet HTML 1Page - Glamox GCO106940 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12/23/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
GECO-RQ75A WH 900 HF
840 SI 36°
Item No.
GCO106940
GTIN
5903531069407
Stock status code
M
Technical specifications
Mounting
Product Mounting
Ceiling recessed
General
Product shape
Square
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
10
IEC Protection Class
II
Number Of Luminaire MCB 10B
17
Number Of Luminaire MCB 16B
27
Optic
Beam Angle (°)
36
Certificates
Certification
HACCP
Technical Data
IP classification
20
Light Technical Data
Light source
LED
Lumen Out (lm)
910
Lumen Per Watt (lm/W)
91
Lamp colour temp (K)
4000
Colour Rendering Index
>80
MacAdam step
3
Light Source Included
true
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Number of Driver
1
Lifetime
LED Lifetime L70B50 Ta25 (h)
>100 000
LED Lifetime L80B50 Ta25 (h)
>100 000
LED Lifetime L90B50 Ta25 (h)
70 000
Housing
Body Material
Aluminium
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Length (mm)
90
Width (mm)
90
Height (mm)
101
Minimum Height Above Ceiling
100
Cut out diameter
75


Similar Part No. - GCO106940

ManufacturerPart #DatasheetDescription
logo
Glamox
GCO106945 GLAMOX-GCO106945 Datasheet
110Kb / 2P
GECO-RQ125F WH 2300 HF830 SI 36°
GCO106946 GLAMOX-GCO106946 Datasheet
104Kb / 2P
GECO-RQ75A WH 900 HF840 TI 36°
GCO106947 GLAMOX-GCO106947 Datasheet
102Kb / 2P
GECO-RQ75A WH 800 HF830 TI 36°
More results

Similar Description - GCO106940

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
175001 ADELS-175001 Datasheet
118Kb / 2P
900 SI/ 1
175002 ADELS-175002 Datasheet
119Kb / 2P
900 SI/ 2
175003 ADELS-175003 Datasheet
120Kb / 2P
900 SI/ 3
175004 ADELS-175004 Datasheet
120Kb / 2P
900 SI/ 4
175005 ADELS-175005 Datasheet
121Kb / 2P
900 SI/ 5
175103 ADELS-175103 Datasheet
120Kb / 2P
900 SI/ 3 DS
175105 ADELS-175105 Datasheet
121Kb / 2P
900 SI/ 5 DS
175201 ADELS-175201 Datasheet
119Kb / 2P
900 SI RZ/ 1
175202 ADELS-175202 Datasheet
120Kb / 2P
900 SI RZ/ 2
175203 ADELS-175203 Datasheet
120Kb / 2P
900 SI RZ/ 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com