Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GCO106945 Datasheet(PDF) 1 Page - Glamox

Part # GCO106945
Description  GECO-RQ125F WH 2300 HF830 SI 36°
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

GCO106945 Datasheet(HTML) 1 Page - Glamox

  GCO106945 Datasheet HTML 1Page - Glamox GCO106945 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12/23/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
GECO-RQ125F WH 2300 HF
830 SI 36°
Item No.
GCO106945
GTIN
5903531069452
Stock status code
M
Technical specifications
Mounting
Product Mounting
Ceiling recessed
General
Product shape
Square
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
21
IEC Protection Class
II
Number Of Luminaire MCB 10B
32
Number Of Luminaire MCB 16B
50
Optic
Beam Angle (°)
36
Certificates
Certification
HACCP
Technical Data
IP classification
20
Light Technical Data
Light source
LED
Lumen Out (lm)
2214
Lumen Per Watt (lm/W)
105,43
Lamp colour temp (K)
3000
Colour Rendering Index
>80
MacAdam step
3
Light Source Included
true
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Number of Driver
1
Lifetime
LED Lifetime L70B50 Ta25 (h)
>100 000
LED Lifetime L80B50 Ta25 (h)
>100 000
LED Lifetime L90B50 Ta25 (h)
70 000
Housing
Body Material
Aluminium
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Length (mm)
140
Width (mm)
140
Height (mm)
140
Minimum Height Above Ceiling
200


Similar Part No. - GCO106945

ManufacturerPart #DatasheetDescription
logo
Glamox
GCO106940 GLAMOX-GCO106940 Datasheet
103Kb / 2P
GECO-RQ75A WH 900 HF840 SI 36°
GCO106946 GLAMOX-GCO106946 Datasheet
104Kb / 2P
GECO-RQ75A WH 900 HF840 TI 36°
GCO106947 GLAMOX-GCO106947 Datasheet
102Kb / 2P
GECO-RQ75A WH 800 HF830 TI 36°
More results

Similar Description - GCO106945

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000230-000001 MA-COM-MAFR-000230-000001 Datasheet
62Kb / 2P
Circulator 2300-2500 MHz
MAFR-000247-000001 MA-COM-MAFR-000247-000001 Datasheet
88Kb / 2P
Isolator 2300-2500 MHz
logo
Energizer
NH15BP-8 ENERGIZER-NH15BP-8 Datasheet
61Kb / 1P
ENERGIZER NH15-2300
NH15VP ENERGIZER-NH15VP Datasheet
61Kb / 1P
ENERGIZER NH15-2300
logo
KR Electronics, Inc.
3300-200 KR-3300-200 Datasheet
71Kb / 3P
2300 MHz Bandpass Filter
logo
PHOENIX CONTACT
3045075 PHOENIX-3045075 Datasheet
162Kb / 6P
UT 2,5 WH
3045198 PHOENIX-3045198 Datasheet
144Kb / 6P
UT 6 WH
3046317 PHOENIX-3046317 Datasheet
143Kb / 6P
UT 10 WH
logo
Schneider Electric
ZB4FLCUST02 SCHNEIDER-ZB4FLCUST02 Datasheet
74Kb / 1P
FLUSH WH PROJECTING PB HEAD WH MARKED O
Oct 8, 2021
logo
Molex Electronics Ltd.
63813-2300 MOLEX-63813-2300 Datasheet
221Kb / 2P
63813-2300 Instruction Sheet
01-27-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com