Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GCO106946 Datasheet(PDF) 1 Page - Glamox

Part # GCO106946
Description  GECO-RQ75A WH 900 HF840 TI 36°
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

GCO106946 Datasheet(HTML) 1 Page - Glamox

  GCO106946 Datasheet HTML 1Page - Glamox GCO106946 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12/23/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
GECO-RQ75A WH 900 HF
840 TI 36°
Item No.
GCO106946
GTIN
5903531069469
Stock status code
M
Technical specifications
Mounting
Product Mounting
Ceiling recessed
General
Product shape
Square
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
10
IEC Protection Class
II
Number Of Luminaire MCB 10B
17
Number Of Luminaire MCB 16B
27
Optic
Beam Angle (°)
36
Certificates
Certification
HACCP
Technical Data
IP classification
20
Light Technical Data
Light source
LED
Lumen Out (lm)
869
Lumen Per Watt (lm/W)
86,9
Lamp colour temp (K)
4000
Colour Rendering Index
>80
MacAdam step
3
Light Source Included
true
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Number of Driver
1
Lifetime
LED Lifetime L70B50 Ta25 (h)
>100 000
LED Lifetime L80B50 Ta25 (h)
>100 000
LED Lifetime L90B50 Ta25 (h)
70 000
Housing
Body Material
Aluminium
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Length (mm)
90
Width (mm)
90
Height (mm)
101
Item Net Weight (kg)
0.4232
Minimum Height Above Ceiling
100
Logistic Data
Item Gross Weight (kg)
0.46


Similar Part No. - GCO106946

ManufacturerPart #DatasheetDescription
logo
Glamox
GCO106940 GLAMOX-GCO106940 Datasheet
103Kb / 2P
GECO-RQ75A WH 900 HF840 SI 36°
GCO106945 GLAMOX-GCO106945 Datasheet
110Kb / 2P
GECO-RQ125F WH 2300 HF830 SI 36°
GCO106947 GLAMOX-GCO106947 Datasheet
102Kb / 2P
GECO-RQ75A WH 800 HF830 TI 36°
More results

Similar Description - GCO106946

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFH2162-P1 MIMIX-CFH2162-P1 Datasheet
412Kb / 3P
800 to 900 MHz 36 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1_06 Datasheet
414Kb / 2P
800-900 MHz 36 dBm Power GaAs FET
logo
PHOENIX CONTACT
3045075 PHOENIX-3045075 Datasheet
162Kb / 6P
UT 2,5 WH
3045198 PHOENIX-3045198 Datasheet
144Kb / 6P
UT 6 WH
3046317 PHOENIX-3046317 Datasheet
143Kb / 6P
UT 10 WH
logo
Adels-Contact
196423 ADELS-196423 Datasheet
114Kb / 1P
ZEL 900
logo
PHOENIX CONTACT
2291574 PHOENIX-2291574 Datasheet
114Kb / 3P
FLKM 50/TI
logo
Texas Instruments
LAUNCHXL-CC1312R1 TI1-LAUNCHXL-CC1312R1 Datasheet
641Kb / 3P
TI LaunchPad??kit
LAUNCHXL-CC2640R2 TI1-LAUNCHXL-CC2640R2 Datasheet
405Kb / 3P
TI LaunchPad??kit
logo
Schneider Electric
ZB4FLCUST02 SCHNEIDER-ZB4FLCUST02 Datasheet
74Kb / 1P
FLUSH WH PROJECTING PB HEAD WH MARKED O
Oct 8, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com