Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTD Datasheet(PDF) 1 Page - Weller Tools

Part # LTD
Description  Soldering Tips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

LTD Datasheet(HTML) 1 Page - Weller Tools

  LTD Datasheet HTML 1Page - Weller Tools LTD Datasheet HTML 2Page - Weller Tools LTD Datasheet HTML 3Page - Weller Tools LTD Datasheet HTML 4Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
16
Soldering Tips
for soldering iron LR 82
Description
Width A
Thickness B
Type
Order No.
Chisel
3,2 mm
1,0 mm
HT 1
5 44 260 99
Chisel
5,2 mm
1,2 mm
HT 2
5 44 261 99
Chisel
7,0 mm
1,2 mm
HT 3
5 44 262 99
Chisel long
3,2 mm
1,0 mm
HT C
5 44 267 99
Chisel long
4,6 mm
1,0 mm
HT D
5 44 268 99
Chisel long
5,6 mm
1,0 mm
HT E
5 44 269 99
Round
2,4 mm
8,3 mm
HT BS
5 44 264 99
Round
3,2 mm
8,3 mm
HT CS
5 44 265 99
Round
5,0 mm
8,3 mm
HT DS
5 44 266 99
Measuring tip
-
-
-
5 44 263 99
for thermo
element
ø
0,5 mm
A
B
A
B
A
B
A
B
A
B
A
B
B
A
B
A
B
A


Similar Part No. - LTD

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTD-2404SW-P LITEON-LTD-2404SW-P Datasheet
626Kb / 14P
LED Display
LTD-2601B LITEON-LTD-2601B Datasheet
177Kb / 5P
0.28-inch (7.0-mm) DIGIT HEIGHT
LTD-2601G LITEON-LTD-2601G Datasheet
363Kb / 6P
LED Display
LTD-2601G-11 LITEON-LTD-2601G-11 Datasheet
208Kb / 5P
0.28-inch (7.0-mm) DIGIT HEIGHT
LTD-2601WC LITEON-LTD-2601WC Datasheet
138Kb / 5P
CONTINOUS UNIFORM SEGMENTS
More results

Similar Description - LTD

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5676A POMONA-5676A Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
6354 POMONA-6354 Datasheet
23Kb / 1P
Replacement Tips For Test Probes
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
SOLDERING TIPS
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
Soldering Tips
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
Soldering Tips and Nozzles
logo
Bi technologies
7720-1-EVM BITECH-7720-1-EVM Datasheet
237Kb / 6P
PFC DESIGN TIPS & TECHNIQUES
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
L638xE tricks and tips
01-Aug-2008
logo
Fairchild Semiconductor
AN4141 FAIRCHILD-AN4141 Datasheet
200Kb / 9P
Troubleshooting and Design Tips
logo
List of Unclassifed Man...
D-1409 ETC2-D-1409 Datasheet
2Mb / 54P
standard straight tips
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com