Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NK-27-21C-3/4-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # NK-27-21C-3/4-R
Description  Circular Connector, Solder-type, Shell Size : N, cable entry Φ19.8mm, 27 pos., Socket, Straight Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

NK-27-21C-3/4-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  NK-27-21C-3/4-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. NK-27-21C-3/4-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. NK-27-21C-3/4-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NK-27-21C-3/4-R
Features
Circular Connector, Solder-type, Shell Size : N, cable entry Φ19.8mm, 27 pos., Socket, Straight Plug
Part Number
NK-27-21C-3/4-R
Status
Active
Number of Positions
27 pos.
Rated Current
10 A
Waterproof/ Non-waterproof
not available
Applications
 
Broadcasting equipment, sound equipment, communication devices, etc. 
Connector Type
Plug
Connector Style
Straight
Contact Type
Socket
Termination Style
Soldering
Coupling Style
Threaded
Contact Size
#16
Shell Size
N
Contact Size X No. of Contacts
#16*27
Finish of Contact in Connecting
Area
Silver plating
Total Current Rating
54
Product Details


Similar Part No. - NK-27-21C-3/4-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
NK-27-21C-78-R JAE-NK-27-21C-78-R Datasheet
63Kb / 3P
Circular Connector, Solder-type, Shell Size : N, cable entry Φ23.0mm, 27 pos., Socket, Straight Plug
More results

Similar Description - NK-27-21C-3/4-R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM21TPA-15S HIROSE-RM21TPA-15S Datasheet
795Kb / 15P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
RM21TPA-15S HIROSE-RM21TPA-15S_1 Datasheet
774Kb / 13P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
logo
Amphenol Corporation
MA1CAE1200 AMPHENOL-MA1CAE1200 Datasheet
84Kb / 1P
Straight Plug, 12 Pos
MA1CAP1700 AMPHENOL-MA1CAP1700 Datasheet
78Kb / 1P
Straight Plug, 17 Pos
logo
List of Unclassifed Man...
R222052000 ETC2-R222052000 Datasheet
59Kb / 3P
FEMALE STRAIGHT PLUG SOLDER TYPE
logo
PHOENIX CONTACT
1606246 PHOENIX-1606246 Datasheet
64Kb / 2P
Cable connector, straight, shielded: yes, Screw locking, M23, No. of pos.: 81, type of contact: Socket, Solder connection
2304908 PHOENIX-2304908 Datasheet
75Kb / 3P
Assembled circular cable, with two 20-pos.
2304911 PHOENIX-2304911 Datasheet
76Kb / 3P
Assembled circular cable, with two 20-pos.
2304924 PHOENIX-2304924 Datasheet
75Kb / 3P
Assembled circular cable, with two 20-pos.
2305237 PHOENIX-2305237 Datasheet
76Kb / 3P
Assembled circular cable, with one 20-pos. and two 14-pos.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com