Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4903 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4903
Description  DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4903 Datasheet(HTML) 1 Page - STMicroelectronics

  L4903 Datasheet HTML 1Page - STMicroelectronics L4903 Datasheet HTML 2Page - STMicroelectronics L4903 Datasheet HTML 3Page - STMicroelectronics L4903 Datasheet HTML 4Page - STMicroelectronics L4903 Datasheet HTML 5Page - STMicroelectronics L4903 Datasheet HTML 6Page - STMicroelectronics L4903 Datasheet HTML 7Page - STMicroelectronics L4903 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
L4903
DUAL 5V REGULATOR
WITH RESET AND DISABLE FUNCTIONS
July1993
PRELIMINARY DATA
PIN CONNECTION
Minidip
ORDERING NUMBERS : L4903
.
OUTPUT CURRENTS : I01 = 50mA
I02 = 100mA
.
FIXED PRECISION OUTPUT VOLTAGE
5V
± 2%
.
RESET FUNCTION CONTROLLED BY INPUT
VOLTAGE AND OUTPUT 1 VOLTAGE
.
RESET
FUNCTION
EXTERNALLY
PRO-
GRAMMABLE TIMING
.
RESET OUTPUT LEVEL RELATED TO OUT-
PUT 2
.
OUTPUT 2 INTERNALLY SWITCHED WITH
ACTIVE DISCHARGING
.
OUTPUT 2 DISABLE LOGICAL INPUT
.
LOW LEAKAGE CURRENT, LESS THAN 1
µA
AT OUTPUT 1
.
INPUT OVERVOLTAGE PROTECTION UP TO
60V
.
RESET OUTPUT NORMALLY LOW
.
OUTPUT TRANSISTORS SOA PROTECTION
.
SHORT CIRCUIT AND THERMAL OVER-
LOAD PROTECTION
DESCRIPTION
The L4903 is a monolithic low drop dual 5 V regu-
lator designed mainly for supplying microprocessor
systems.
Reset, data save functions and remote switch
on/off control can be realized.
1/8


Similar Part No. - L4903

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4901 STMICROELECTRONICS-L4901 Datasheet
133Kb / 10P
DUAL 5V REGULATOR WITH RESET
Jun-2000
L4901A STMICROELECTRONICS-L4901A Datasheet
133Kb / 10P
DUAL 5V REGULATOR WITH RESET
Jun-2000
L4902A STMICROELECTRONICS-L4902A Datasheet
113Kb / 9P
DUAL 5V REGULATOR WITH RESET AND DISABLE
Jun-2000
L4904A STMICROELECTRONICS-L4904A Datasheet
96Kb / 9P
DUAL 5V REGULATOR WITH RESET
Jun-2000
L4909 STMICROELECTRONICS-L4909 Datasheet
61Kb / 7P
EXTERNALLY ADJUSTABLE MULTIFUNCTION REGULATOR
May-2000
More results

Similar Description - L4903

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4902A STMICROELECTRONICS-L4902A Datasheet
113Kb / 9P
DUAL 5V REGULATOR WITH RESET AND DISABLE
Jun-2000
TDA8137 STMICROELECTRONICS-TDA8137 Datasheet
81Kb / 5P
DUAL 5.1V REGULATOR WITH DISABLE AND RESET
Sep-1993
STV8164 STMICROELECTRONICS-STV8164 Datasheet
110Kb / 11P
5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
STV8163 STMICROELECTRONICS-STV8163 Datasheet
113Kb / 11P
3.3 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
Sep-2003
logo
KODENSHI_AUK CORP.
KKA8133A KODENSHI-KKA8133A Datasheet
101Kb / 4P
DUAL 5.1V 8V REGULATOR WITH DISABLE AND RESET
KKA8137 KODENSHI-KKA8137 Datasheet
155Kb / 4P
DUAL 5.1V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
TDA8133 STMICROELECTRONICS-TDA8133_03 Datasheet
133Kb / 13P
5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
TDA8133 STMICROELECTRONICS-TDA8133_09 Datasheet
185Kb / 14P
5.1 V and 8 V dual voltage regulator with disable and reset functions
05-Mar-2009
TDA8139 STMICROELECTRONICS-TDA8139_V01 Datasheet
188Kb / 14P
Double (5.1 V and adjustable) voltage regulator with reset and disable functions
25-Feb-2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com