Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADG1201BRJZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG1201BRJZ-R2
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1201BRJZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG1201BRJZ-R2 Datasheet HTML 5Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 6Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 7Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 8Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 9Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 10Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 11Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 12Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG1201/ADG1202
Rev. 0 | Page 9 of 16
–14
10k
1G
FREQUNCY (Hz)
100k
1M
10M
100M
0
–2
–4
–6
–8
–10
–12
VDD = 15V
VSS = –15V
TA = 25ºC
Figure 15. On Response vs. Frequency
FREQUENCY (Hz)
10
1
0.1
0.01
10
100
1k
10k
100k
LOAD = 10kΩ
TA = 25°C
VDD = +5V, VSS = –5V, VS = +3.5V rms
VDD = +15V, VSS = –15V, VS = +5V rms
Figure 16. THD + N vs. Frequency
2
–15
15
INPUT VOLTAGE (V)
6
5.5
5
4.5
4
3.5
3
2.5
–10
–5
0
5
10
SOURCE/DRAIN ON
SOURCE OFF
DRAIN OFF
VDD = 15V
VSS = –15V
TA = 25ºC
Figure 17. Capacitance vs. Input Voltage, Dual Supply
2
012
INPUT VOLTAGE (V)
6
5.5
5
4.5
4
3.5
3
2.5
2
468
10
SOURCE/DRAIN ON
SOURCE OFF
DRAIN OFF
VDD = 12V
VSS = 0V
TA = 25ºC
Figure 18. Capacitance vs. Input Voltage, Single Supply
0
–100
100k
1M
10M
FREQUENCY (Hz)
100M
–10
–20
–30
–40
–50
–60
–70
–80
–90
VDD = +15V
VSS = –15V
Vp-p = 0.63V
TA = 25ºC
DECOUPLING CAPS ON
NO DECOUPLING CAPS ON
Figure 19. ACPSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com