Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABCW66F-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ABCW66F-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABCW66F-HF Datasheet(HTML) 1 Page - Comchip Technology

  ABCW66F-HF Datasheet HTML 1Page - Comchip Technology ABCW66F-HF Datasheet HTML 2Page - Comchip Technology ABCW66F-HF Datasheet HTML 3Page - Comchip Technology ABCW66F-HF Datasheet HTML 4Page - Comchip Technology ABCW66F-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RoHS Device
ABCW66F/G/H-HF (NPN)
Comchip Technology CO., LTD.
Halogen Free
Dimensions in inches and (millimeter)
SOT-23
0.122(3.10)
0.106(2.70)
0.059(1.50)
0.043(1.10)
0.079(2.00)
0.071(1.80)
0.043(1.10)
0.020(0.50)
0.006(0.15)
0.102(2.60)
0.087(2.20)
0.004(0.10)
0.014(0.35)
0.019(0.48)
0.001(0.02)
1
2
3
0.035(0.90)
0.012(0.30)
0.002(0.05)
Page 1
REV:A
AQW-JTR86
General Purpose Transistor
1
Base
2
Emitter
Collector
3
Circuit Diagram
Mechanical data
- Case: SOT-23, molded plastic.
- Molding compound: UL flammability classification
rating 94V-0.
- Terminals: Tin-plated; solderability per MIL-STD-202,
method 208.
Maximum Ratings (at TA=25°C unless otherwise noted)
VCEO
Emitter-base breakdown voltage
Collector-emitter breakdown voltage
Collector-base breakdown voltage
Continuous collector current
Symbol
Parameter
Value
Unit
V
V
V
IC
A
mW
PD
Power dissipation
°C/W
RθJA
VCBO
VEBO
°C
Thermal resistance from junction to air (Note 1)
Operating junction temperature range
TJ
Peak collector current
ICM
A
°C
Storage temperature range
TSTG
Thermal resistance from junction to lead (Note 1)
°C/W
RθJL
Features
- Low collector-emitter saturation voltage.
- AEC-Q101 Qualified.
- High collector current.
- High current gain.
°C/W
Thermal resistance from junction to case (Note 1)
RθJC
Notes: 1. The data tested by surface mounted on a 15mm x 15mm x 1mm FR4-epoxy P.C.B.
75
45
5
0.8
1
330
395
218
191
-55 to +150
-55 to +150


Similar Part No. - ABCW66F-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ABCW68F-HF COMCHIP-ABCW68F-HF Datasheet
487Kb / 5P
General Purpose Transistor
REV:A
ABCW68G-HF COMCHIP-ABCW68G-HF Datasheet
487Kb / 5P
General Purpose Transistor
REV:A
ABCW68H-HF COMCHIP-ABCW68H-HF Datasheet
487Kb / 5P
General Purpose Transistor
REV:A
More results

Similar Description - ABCW66F-HF

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com