Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABCW68H-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ABCW68H-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABCW68H-HF Datasheet(HTML) 2 Page - Comchip Technology

  ABCW68H-HF Datasheet HTML 1Page - Comchip Technology ABCW68H-HF Datasheet HTML 2Page - Comchip Technology ABCW68H-HF Datasheet HTML 3Page - Comchip Technology ABCW68H-HF Datasheet HTML 4Page - Comchip Technology ABCW68H-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Comchip Technology CO., LTD.
Page 2
REV:A
General Purpose Transistor
Symbol
Parameter
Conditions
Min
Max
Unit
Electrical Characteristics (at TA=25°C unless otherwise noted)
Collector-base breakdown voltage
IC = -10μA, IE = 0
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
DC current gain
Transition frequency
IC = -10mA, IB = 0
IE = -10μA, IC = 0
VCB = -45V, IE = 0
VCE = -1V, IC = -10mA
IC = -100mA, IB = -10mA
IC = -50mA, VCE = -5V, f = 20MHZ
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
hFE(1)
VCE(sat)
fT
V
V
V
nA
nA
V
MHZ
VCE = -2V, IC = -500mA
hFE(2)
IC = -500mA, IB = -50mA
VBE(sat)
V
Typ
Emitter cut-off current
VEB = -4V, IC = 0
IEBO
hFE(4)
IC = -500mA, IB = -50mA
VCE(sat)
Collector-emitter saturation voltage
Base-emitter saturation voltage
VCE = -10V, IC = -0.1mA
IC = -100mA, IB = -10mA
-60
-45
-5
-20
-20
35
50
180
120
35
250
60
400
100
630
-0.3
-0.7
-1.25
200
-2
VBE(sat)
ABCW68F-HF
ABCW68G-HF
ABCW68H-HF
80
75
ABCW68F-HF
ABCW68G-HF
ABCW68H-HF
ABCW68F-HF
ABCW68G-HF
ABCW68H-HF
AQW-JTR87
ABCW68F-HF
ABCW68G-HF
ABCW68H-HF
hFE(3)
100
160
250
VCE = -1V, IC = -100mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com