Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABCX55-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # ABCX55-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABCX55-HF Datasheet(HTML) 3 Page - Comchip Technology

  ABCX55-HF Datasheet HTML 1Page - Comchip Technology ABCX55-HF Datasheet HTML 2Page - Comchip Technology ABCX55-HF Datasheet HTML 3Page - Comchip Technology ABCX55-HF Datasheet HTML 4Page - Comchip Technology ABCX55-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
General Purpose Transistor
Comchip Technology CO., LTD.
REV:A
Page 3
Typical Rating and Characteristic Curves (ABCX54/55/56-HF Series)
Fig.4 - VBEsat ― IC
100
1000
Fig.3 - VCEsat ― IC
1
10
100
1000
0.4
0.8
1.0
Collector Current, IC (mA)
Fig.5 - IC ― VBE
Base-Emitter Voltage, VBE (V)
0.2
0.4
0.6
0.8
1
100
1000
Fig.6 - Cob/Cib ― VCB/VEB
0.1
10
20
10
100
300
Reverse Voltage, V (V)
Collector Current, IC (mA)
Fig.8 - PC ― Ta
Ambient Temperature, Ta (°C)
0
25
50
75
100
125
150
200
300
400
500
600
100
0
1
10
100
1000
1
10
1
AQW-JTR92
Fig.7 - fT ― IC
10
100
10
100
500
Collector Current, IC (mA)
10
Ta=100°C
Ta=25°C
β=10
0.6
Ta=25°C
Ta=100°C
β=10
Ta=100°C
Ta=25°C
VCE= 2V
Cib
Cob
f=1MHz
IE=0/IC=0
Ta=25°C
Common emitter
VCE= 5V, Ta=25°C
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com