Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4938ED Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4938ED
Description  ADVANCED VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938ED Datasheet(HTML) 2 Page - STMicroelectronics

  L4938ED Datasheet HTML 1Page - STMicroelectronics L4938ED Datasheet HTML 2Page - STMicroelectronics L4938ED Datasheet HTML 3Page - STMicroelectronics L4938ED Datasheet HTML 4Page - STMicroelectronics L4938ED Datasheet HTML 5Page - STMicroelectronics L4938ED Datasheet HTML 6Page - STMicroelectronics L4938ED Datasheet HTML 7Page - STMicroelectronics L4938ED Datasheet HTML 8Page - STMicroelectronics L4938ED Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REG1
1.23V
REFERENCE
REG2
1.23V
RESET
1.4V
1.23V
1.23V
SENSE
VS1
VS2
EN
PR
SI
SO
RES
CT
ADJ
OUT2
OUT1
GND
D94AT074A
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VINDC
DC Operating Supply Voltage
28
V
VINTR
Transient Operating Supply Voltage (T < 400ms)
-14 to 40
V
IO
Output Current
internally limited
VSI
Sense Input Voltage (Voltage Forced) (note 2)
-20 to 20
V
ISI
Sense Input Current (Current Forced) (note 2)
±1mA
VEN
Enable Input Voltage (Voltage Forced) (note 2)
-20 to 20
V
IEN
Sense Input Current (Current Forced) (note 2)
±1mA
VRES ,VSO
Output Voltages
-0.3 to 20
V
IRES ,ISO
Output Currents (Output Low)
5
mA
PO
Power Dissipation at Tamb =80
°C (note 3)
Powerdip 12+2+2
875
mW
Tstg
Storage Temperature
-65 to 150
°C
Tj
Operating Junction Temperature
-40 to 150
°C
TJSD
Thermal shutdown junction temperature Output 2 will shut-down
typically at Tj 10K lower than output 1
165
°C
Note 1:
The circuit is ESD protected according to MIL-STD-883C
Note 2: Current forced means voltage unlimited but current limited to the specified value
Voltage forced means voltage limi ted to the specified valueswhile the current is not limited
Note 3: Typical value soldered on a PC board with 8cm
2 copper ground plane (35mm thick).
L4938E - L4938ED - L4938EPD
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com