Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX99100 Datasheet(PDF) 51 Page - ASIX Electronics Corporation

Part # AX99100
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100 Datasheet(HTML) 51 Page - ASIX Electronics Corporation

Back Button AX99100 Datasheet HTML 47Page - ASIX Electronics Corporation AX99100 Datasheet HTML 48Page - ASIX Electronics Corporation AX99100 Datasheet HTML 49Page - ASIX Electronics Corporation AX99100 Datasheet HTML 50Page - ASIX Electronics Corporation AX99100 Datasheet HTML 51Page - ASIX Electronics Corporation AX99100 Datasheet HTML 52Page - ASIX Electronics Corporation AX99100 Datasheet HTML 53Page - ASIX Electronics Corporation AX99100 Datasheet HTML 54Page - ASIX Electronics Corporation AX99100 Datasheet HTML 55Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
51
AX99100
PCIe to Multi I/O Controller
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
4 Electrical Specifications
DC Characteristics
4.1
4.1.1
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VCCK
Digital core power supply.
- 0.5 to 1.6
V
VCCIO, VCC33A_REG
Power supply of 3.3V I/O and Regulator.
- 0.5 to 4.6
V
VCC12A_TX, VCC12A_AUX,
VCC12A_D
Analog power supply for PCIe PHY.
- 0.5 to 1.6
V
VIN
Input voltage of 3.3V I/O with 5V tolerant.
- 0.5 to 5.8
V
TSTG
Storage temperature.
- 65 to 150
℃
I IN
DC input current.
50
mA
I OUT
Output short circuit current.
50
mA
Note:
Permanent device damage may occur if absolute maximum ratings are exceeded. Functional operation should be
restricted in the recommended operating condition section of this datasheet. Exposure to absolute maximum rating
condition for extended periods may affect device reliability.
4.1.2
Recommended Operating Condition
Symbol
Parameter
Min
Typ
Max Units
VCCIO
Power supply of 3.3V I/O.
2.97
3.3
3.63
V
VCCK
Digital core power supply.
1.08
1.2
1.32
V
VCC33A_REG
Analog power supply for Regulator.
2.0
3.3
3.6
V
VCC12A_TX, VCC12A_AUX,
VCC12A_D
Analog power supply for PCIe PHY.
1.14
1.2
1.26
V
Tj
AX99100 QF operating junction temperature.
AX99100 QI operating junction temperature.
0
-40
25
125
125
℃
Ta
AX99100 QF operating ambient temperature.
AX99100 QI operating ambient temperature.
0
-40
-
70
85
℃
4.1.3
Leakage Current and Capacitance
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIN
Input leakage current. No pull-up
or pull-down.
3.3V with 5V tolerant I/O pins.
Vin = 5 or 0V.
-
< ±1
-
μA
CIN
Input capacitance.
3.3V with 5V tolerant I/O pins.
-
2.3
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com